Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS3201D Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # THS3201D
Description  1.8-GHz, LOW DISTORTION, CURRENT FEEDBACK AMPLIFIER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS3201D Datasheet(HTML) 9 Page - Texas Instruments

Back Button THS3201D Datasheet HTML 5Page - Texas Instruments THS3201D Datasheet HTML 6Page - Texas Instruments THS3201D Datasheet HTML 7Page - Texas Instruments THS3201D Datasheet HTML 8Page - Texas Instruments THS3201D Datasheet HTML 9Page - Texas Instruments THS3201D Datasheet HTML 10Page - Texas Instruments THS3201D Datasheet HTML 11Page - Texas Instruments THS3201D Datasheet HTML 12Page - Texas Instruments THS3201D Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
THS3201
SLOS416A − JUNE 2003 − REVISED JANUARY 2004
www.ti.com
9
Figure 10
−100
−90
−80
−70
−60
−50
−40
1
10
100
VO = 2 VPP,
RL = 100 Ω,
VS = ±7.5 V
f − Frequency − MHz
3rd HARMONIC DISTORTION
vs
FREQUENCY
G = 5, RF = 619 Ω
G = 1, RF = 1.2 kΩ
G = 2, RF = 768 Ω
Figure 11
−100
−95
−90
−85
−80
−75
−70
−65
−60
0 0.5
1 1.5
2
2.5
3 3.5
4 4.5
5
HARMONIC DISTORTION
vs
OUTPUT VOLTAGE SWING
VO − Output Voltage Swing − ± V
Gain = 5
RF = 619 Ω
f = 8 MHz
VS = ±7.5 V
HD2, RL = 100 Ω
HD2, RL = 499 Ω
HD3, RL = 499 Ω
HD3, RL = 100 Ω
Figure 12
−100
−95
−90
−85
−80
−75
−70
−65
−60
−55
−50
0 0.5
1
1.5
2 2.5
3
3.5
4
4.5
5
HARMONIC DISTORTION
vs
OUTPUT VOLTAGE SWING
VO − Output Voltage Swing − ± V
Gain = 5, RF = 619 Ω
f = 32 MHz, VS = ±7.5 V
HD2
RL = 100 Ω
HD3,
RL = 499 Ω
HD3, RL = 100 Ω
HD2, RL = 499 Ω
Figure 13
−100
−95
−90
−85
−80
−75
−70
−65
−60
10
100
200
THIRD-ORDER INTERMODULATION
DISTORTION
vs
FREQUENCY
f − Frequency − MHz
RL = 100 Ω
VO = 2VPP Envelope
VS = ±7.5 V
200 kHz Tone Spacing
G = 10, RF = 487 Ω
G = 2, RF = 768 Ω
G = 5, RF = 619 Ω
Figure 14
35
40
45
50
55
60
20
40
60
80
100
0
f − Frequency − MHz
THIRD-ORDER OUTPUT
INTERCEPT POINT
vs
FREQUENCY
VO = 2 VPP Envelope
RL = 100 Ω
VS = ±7.5 V
200 kHz Tone Spacing
G = 10, RF = 487 Ω
G = 2, RF = 768 Ω
G = 5, RF = 619 Ω
Figure 15
S − PARAMETER
vs
FREQUENCY
−100
−80
−60
−40
−20
1 M
10 M
100 M
10 G
f − Frequency − Hz
0
1 G
S12
S11
S22
Source
C
50
Ω
50
Ω
50
Ω
50
Ω
RF
RG
VS = ±7.5 V
Gain = +10
C = 0 pF
+
−
Figure 16
S − PARAMETER
vs
FREQUENCY
−100
−80
−60
−40
−20
1 M
10 M
100 M
10 G
f − Frequency − Hz
0
1 G
Source
C
50
Ω
50
Ω
50
Ω
50
Ω
RF
RG
VS = ±7.5 V
Gain = +10
C = 3.3 pF
S22
S11
S12
+
−
Figure 17
10
15
20
25
30
40
45
50
100 k
1 M
10 M
100 M
Inverting
Noise Current
Noninverting
Current Noise
VS = ±7.5 V and ±5 V
TA = 25°C
f − Frequency − Hz
INPUT VOLTAGE
AND CURRENT NOISE
vs
FREQUENCY
35
0
0.5
1.5
2.5
3
4
Vn
3.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com