Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS3201D Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # THS3201D
Description  1.8-GHz, LOW DISTORTION, CURRENT FEEDBACK AMPLIFIER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS3201D Datasheet(HTML) 13 Page - Texas Instruments

Back Button THS3201D Datasheet HTML 9Page - Texas Instruments THS3201D Datasheet HTML 10Page - Texas Instruments THS3201D Datasheet HTML 11Page - Texas Instruments THS3201D Datasheet HTML 12Page - Texas Instruments THS3201D Datasheet HTML 13Page - Texas Instruments THS3201D Datasheet HTML 14Page - Texas Instruments THS3201D Datasheet HTML 15Page - Texas Instruments THS3201D Datasheet HTML 16Page - Texas Instruments THS3201D Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
THS3201
SLOS416A − JUNE 2003 − REVISED JANUARY 2004
www.ti.com
13
Figure 44
−100
−80
−60
−40
−20
1 M
10 M
100 M
10 G
f − Frequency − Hz
0
1 G
S12
S − PARAMETER
vs
FREQUENCY
S22
S11
VS = ±5 V
Gain = +10
C = 0 pF
Source
C
50
Ω
50
Ω
50
Ω
50
Ω
RF
RG
+
−
Figure 45
−100
−80
−60
−40
−20
1 M
10 M
100 M
10 G
f − Frequency − Hz
0
1 G
S12
S − PARAMETER
vs
FREQUENCY
VS = ±5 V
Gain = +10
C = 3.3 pF
S22
S11
Source
C
50
Ω
50
Ω
50
Ω
50
Ω
RF
RG
+
−
Figure 46
0
1000
2000
3000
4000
5000
6000
01
2
3
4
5
VO − Output Voltage − VPP
SLEW RATE
vs
OUTPUT VOLTAGE
Gain = 2
RL = 100 Ω
RF = 715 Ω
VS = ±5 V
Fall
Rise
Figure 47
−0.3
−0.2
−0.1
0
0.1
0.2
0.3
0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8
t − Time −
µs
NONINVERTING SMALL-SIGNAL
TRANSIENT RESPONSE
Output
Input
Gain = 2
RL = 100 Ω
RF = 715 Ω
VS = ±5 V
Figure 48
−3
−2.5
−2
−1.5
−1
−0.5
0
0.5
1
1.5
2
2.5
3
0
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8
t − Time −
µs
INVERTING LARGE-SIGNAL
TRANSIENT RESPONSE
Output
Input
Gain = −5
RL = 100 Ω
RF = 549 Ω
VS = ±5 V
Figure 49
−6
−4
−2
0
2
4
6
0
0.2
0.4
0.6
0.8
1
−3
−2
−1
0
1
2
3
t − Time −
µs
OVERDRIVE RECOVERY TIME
G = 2,
RF = 715 Ω,
VS = ±5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com