Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS3201D Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # THS3201D
Description  1.8-GHz, LOW DISTORTION, CURRENT FEEDBACK AMPLIFIER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS3201D Datasheet(HTML) 23 Page - Texas Instruments

Back Button THS3201D Datasheet HTML 19Page - Texas Instruments THS3201D Datasheet HTML 20Page - Texas Instruments THS3201D Datasheet HTML 21Page - Texas Instruments THS3201D Datasheet HTML 22Page - Texas Instruments THS3201D Datasheet HTML 23Page - Texas Instruments THS3201D Datasheet HTML 24Page - Texas Instruments THS3201D Datasheet HTML 25Page - Texas Instruments THS3201D Datasheet HTML 26Page - Texas Instruments THS3201D Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 29 page
background image
THS3201
SLOS416A − JUNE 2003 − REVISED JANUARY 2004
www.ti.com
23
Table 2. Bill of Materials
THS3201DGN EVM
Item
Description
SMD
Size
Ref Des
PCB
Quantity
Manufacturer’s Part Number
1
Bead, ferrite, 3 A, 80
Ω
1206
FB1, FB2
2
(Steward) HI1206N800R−00
2
Cap, 22
µF, tanatalum, 25V, 10%
D
C1, C2
2
(AVX) TAJD226K025R
3
Cap, 100 pF, ceramic, 5%, 150V
AQ12
C4, C5
2
(AVX) AQ12EM101JAJME
4
Cap, 0.1
µF, ceramic, X7R, 50V
0805
C3, C6
2
(AVX) 08055C104KAT2A
6
Open
0805
R7
1
7
Resistor, 49.9
Ω, 1/8W, 1%
0805
R6
1
(Phycomp) 9C08052A49R9FKHFT
9
Resistor, 768
Ω, 1/8W, 1%
0805
R3, R5
2
(Phycomp) 9C08052A7680FKHFT
10
Open
1206
C7, C8
2
11
Resistor, 0
Ω, 1/4W, 1%
1206
R2
1
(KOA) RK73Z2BLTD
12
Resistor, 49.9
Ω, 1/4W, 1%
1206
R4
1
(Phycomp) 9C12063A49R9FKRFT
13
Test point, black
TP1
1
(Keystone) 5001
14
Open
J8, J9
2
15
Jack, Banana Recptance, 0.25” dia. hole
J5, J6, J7
3
(HH Smith) 101
16
Connector, edge, SMA PCB jack
J1, J2, J4
3
(Johnson) 142−0701−801
17
Standoff, 4−40 hex, 0.625” length
4
(Keystone) 1804
18
Screw, Phillips, 4−40, .250”
4
SHR−0440−016−SN
19
IC, THS3201
U1
1
(TI) THS3201DGN
20
Board, printed circuit
1
(TI) Edge # 6447972 Rev.A
NOTE: The components shown in the BOM were used in test by TI.
Computer simulation of circuit performance using SPICE
is often useful when analyzing the performance of analog
circuits and systems. This is particularly true for video and
RF-amplifier circuits where parasitic capacitance and
inductance can have a major effect on circuit performance.
A SPICE model for the THS3201 is available through
either the Texas Instruments web site (www.ti.com) or as
one model on a disk from the Texas Instruments Product
Information Center (1–800–548–6132). The PIC is also
available for design assistance and detailed product
information at this number. These models do a good job of
predicting small-signal ac and transient performance
under a wide variety of operating conditions. They are not
intended to model the distortion characteristics of the
amplifier, nor do they attempt to distinguish between the
package types in their small-signal ac performance.
Detailed information about what is and is not modeled is
contained in the model file itself.
ADDITIONAL REFERENCE MATERIAL
PowerPAD Made Easy, application brief (SLMA004)
PowerPAD Thermally Enhanced Package, technical brief
(SLMA002)
Voltage Feedback vs. Current Feedback amplifiers,
(SLVA051)
Current
Feedback
Analysis
and
Compensation
(SLOA021)
Current Feedback Amplifiers: Review, Stability, and
Application (SBOA081)
Effect of parasitic capacitance in op amp circuits
(SLOA013)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com