Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD72012 Datasheet(PDF) 21 Page - NEC

Part # UPD72012
Description  HUB CONTROLLER FOR UNIVERSAL SERIAL BUS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD72012 Datasheet(HTML) 21 Page - NEC

Back Button UPD72012 Datasheet HTML 17Page - NEC UPD72012 Datasheet HTML 18Page - NEC UPD72012 Datasheet HTML 19Page - NEC UPD72012 Datasheet HTML 20Page - NEC UPD72012 Datasheet HTML 21Page - NEC UPD72012 Datasheet HTML 22Page - NEC UPD72012 Datasheet HTML 23Page - NEC UPD72012 Datasheet HTML 24Page - NEC UPD72012 Datasheet HTML 25Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
Data Sheet S13918EJ3V0DS
21
µPD72012
2.6 Standard String Descriptor 0
Standard string descriptor 0 cannot be used in a standard ROM code product.
Value
Standard ROM code
product
No.
Field
Size
(Bytes)
Contents
003
004
Mask
ROM code
product
0
bLength
1
Shows the size of standard string descriptor 0.
0x00
0x00
0x04
1
bDescriptorType
1
Shows that this is a standard string descriptor.
0x00
0x00
0x03
2
wLANGID[0]
2
Shows the LanguageID of standard string descriptor
0. The LanguageID used is “0x0409” (Generic).
The
µPD72012 uses this LanguageID in common for
all string descriptors.
0x0000
0x0000
0x0409
2.7 Standard String Descriptors 1 Through 5
Standard string descriptors 1 through 5 cannot be used in a standard ROM code product.
This format is the common format for standard string descriptors #1 through #5 of the
µPD72012.
Value
Standard ROM code
product
No.
Field
Size
(Bytes)
Contents
003
004
Mask
ROM code
product
0
bLength
1
Shows the size of standard string descriptors 1
through 5. Its value is fixed at 66 bytes (0x42). The
string itself is this size –2 (64 bytes).
0x00
0x00
0x42
1
bDescriptorType
1
Shows that this is a standard string descriptor.
0x00
0x00
0x03
2
bString
64
Stores the standard string descriptor in UNICODE.
A string requires 2 bytes for each character. Strings
of up to 32 characters can be specified. If there are
white space characters, pad using NULL characters
(0x0000).
All 0
All 0
Remark
Five kinds of standard string descriptors can be defined and these describe the following contents
using 32 UNICODE characters.
Index
Contents
1
Comment about manufacturer (Manufacture) that uses HUB
2
Comment about product (Product) that uses HUB
3
Serial number (SerialNumber) of product that uses HUB
4
Comment about configuration (Configuration) of product that uses HUB
5
Comment about interface (Interface) of product that uses HUB
Refer to “The Unicode Standard, Worldwide Character Encoding, Version 1.0, Volume 1 and 2”, The Unicode
Consortium, Addison-Wesley Publishing Company, Reading, Massachusetts regarding UNICODE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com