Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD72012 Datasheet(PDF) 24 Page - NEC

Part # UPD72012
Description  HUB CONTROLLER FOR UNIVERSAL SERIAL BUS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD72012 Datasheet(HTML) 24 Page - NEC

Back Button UPD72012 Datasheet HTML 20Page - NEC UPD72012 Datasheet HTML 21Page - NEC UPD72012 Datasheet HTML 22Page - NEC UPD72012 Datasheet HTML 23Page - NEC UPD72012 Datasheet HTML 24Page - NEC UPD72012 Datasheet HTML 25Page - NEC UPD72012 Datasheet HTML 26Page - NEC UPD72012 Datasheet HTML 27Page - NEC UPD72012 Datasheet HTML 28Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
24
Data Sheet S13918EJ3V0DS
µPD72012
DC Characteristics (VDD = 3.3 V +0.3 V, TA = 0 to +70
°°°°C)
(1) Current consumption
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Current consumption
IDD
fCK = 48 MHz, 4 MHz
40
mA
Current consumption (during
suspend)
IDD(SUS)
120
µA
(2) USB input/output buffer
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
High level output voltage
VOH
14.2 k
Ω RH for GND
2.8
3.6
V
Low level output voltage
VOL
1.42 k
Ω RL for 3.6 V
00.3
V
Differential common mode range
VCM
Includes VDI range
Absolute value of (D+) – (D–)
0.2 Vmin
0.8
2.5
V
Data line leakage current in input
pin high impedance state
ILO
0 V < VIN < 3.3 V
±10
µA
Crossover output voltage
VCRS
1.3
2.0
V
(3) 5 V output buffer
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
High level output voltage
VOH
IOH = –6 mA
2.4
V
Low level output voltage
VOL
IOH = 6 mA
0.4
V
(4) Open drain output buffer
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Low level output voltage
VOL
IOL = 6 mA
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com