Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD72012 Datasheet(PDF) 9 Page - NEC

Part # UPD72012
Description  HUB CONTROLLER FOR UNIVERSAL SERIAL BUS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD72012 Datasheet(HTML) 9 Page - NEC

Back Button UPD72012 Datasheet HTML 5Page - NEC UPD72012 Datasheet HTML 6Page - NEC UPD72012 Datasheet HTML 7Page - NEC UPD72012 Datasheet HTML 8Page - NEC UPD72012 Datasheet HTML 9Page - NEC UPD72012 Datasheet HTML 10Page - NEC UPD72012 Datasheet HTML 11Page - NEC UPD72012 Datasheet HTML 12Page - NEC UPD72012 Datasheet HTML 13Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
Data Sheet S13918EJ3V0DS
9
µPD72012
(3/3)
Pin No.
Note 1
Pin Name
I/O
Signal Name
Function
31(37)
CLKSEL
I
CLK SELECT
Pin for selecting whether to use 48 MHz oscillator or 4 MHz crystal
oscillator (refer to Table 1-1).
32(38)
DVDD
(Buffer)
-DVDD
(Buffer)
Connect to 3.3 V power supply.
(39)
DVDD
-
DVDD
Connect to 3.3 V power supply. This pin is used together with pin No.
32 internally in the shrink DIP product.
33(40)
PP1
O
PORTPOWER#1
Low active open drain output pin that controls downstream port #1
power supply.
Input the output of this pin to the power control element of an external
circuit.
If not using this pin, leave it unconnected.
Note 2
34(41)
PP2
O
PORTPOWER#2
Low active open drain output pin that controls downstream port #2
power supply.
Input the output of this pin to the power control element of an external
circuit.
If not using this pin, leave it unconnected.
Note 2
35(42)
PP3
O
PORTPOWER#3
Low active open drain output pin that controls downstream port #3
power supply.
Input the output of this pin to the power control element of an external
circuit.
If not using this pin, leave it unconnected.
Note 2
36(43)
PP4
O
PORTPOWER#4
Low active open drain output pin that controls downstream port #4
power supply.
Input the output of this pin to the power control element of an external
circuit.
If not using this pin, leave it unconnected.
Note 2
37(44)
PP5
O
PORTPOWER#5
Low active open drain output pin that controls downstream port #5
power supply.
Input the output of this pin to the power control element of an external
circuit.
If not using this pin, leave it unconnected.
Note 2
38(1)
DVDD
-DVDD
(TS0)
Test pin of
µPD72012 (corresponds to TS0 pin in µPD72011).
Connect to 3.3 V power supply.
39(2)
DGND
-
DGND
Connect to GND.
40(3)
PSSEL
I
Power SW
Pin that selects switching between bus power and self-power (refer to
Table 1-2).
To make high level, pull up to 3.3 V.
41(4)
PVSEL
I
Port Value
Pin that selects switching between number (4 or 5) of downstream
ports (refer to Table 1-2).
To make high level, pull up to 3.3 V.
42(5)
DGND
-
DGND
(TS2)
Test pin of
µPD72012 (corresponds to TS2 pin in µPD72011).
Connect to GND.
Notes 1.
QFP pin numbers are shown in ( ).
2.
For details, refer to Table 1-4 of 1.2 Tables by Pin Function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com