Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD72012 Datasheet(PDF) 32 Page - NEC

Part # UPD72012
Description  HUB CONTROLLER FOR UNIVERSAL SERIAL BUS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD72012 Datasheet(HTML) 32 Page - NEC

Back Button UPD72012 Datasheet HTML 28Page - NEC UPD72012 Datasheet HTML 29Page - NEC UPD72012 Datasheet HTML 30Page - NEC UPD72012 Datasheet HTML 31Page - NEC UPD72012 Datasheet HTML 32Page - NEC UPD72012 Datasheet HTML 33Page - NEC UPD72012 Datasheet HTML 34Page - NEC UPD72012 Datasheet HTML 35Page - NEC UPD72012 Datasheet HTML 36Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
32
Data Sheet S13918EJ3V0DS
µPD72012
4. PACKAGE DRAWINGS
ITEM
MILLIMETERS
A
B
C
F
G
H
I
J
K
39.13 MAX.
1.778 (T.P.)
3.2
±0.3
0.51 MIN.
4.31 MAX.
1.78 MAX.
0.17
15.24 (T.P.)
5.08 MAX.
N
0.9 MIN.
R
P42C-70-600A-2
C
D
NOTES
1. Each lead centerline is located within 0.17 mm of
its true position (T.P.) at maximum material condition.
D0.50
±0.10
M0.25+0.10
−0.05
0
∼15°
M
N
L
13.2
2. Item "K" to center of leads when formed parallel.
42
1
22
21
M
R
B
F
42-PIN PLASTIC SDIP (15.24mm(600))
I
H
G
K
L
J
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com