Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD72012 Datasheet(PDF) 11 Page - NEC

Part # UPD72012
Description  HUB CONTROLLER FOR UNIVERSAL SERIAL BUS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD72012 Datasheet(HTML) 11 Page - NEC

Back Button UPD72012 Datasheet HTML 7Page - NEC UPD72012 Datasheet HTML 8Page - NEC UPD72012 Datasheet HTML 9Page - NEC UPD72012 Datasheet HTML 10Page - NEC UPD72012 Datasheet HTML 11Page - NEC UPD72012 Datasheet HTML 12Page - NEC UPD72012 Datasheet HTML 13Page - NEC UPD72012 Datasheet HTML 14Page - NEC UPD72012 Datasheet HTML 15Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
Data Sheet S13918EJ3V0DS
11
µPD72012
1.3 Equivalent Circuits of Pins
Type
Equivalent Circuit
Pins
Function
5 V tolerant
input pin
(Schmitt)
5 V Schmitt on-chip
RST, CS1 to CS5
3.3 V Schmitt input pin with 5 V tolerant.
5 V tolerant
input pin
5 V
CLKSEL, PSSEL,
PVSEL
3.3 V input pin with 5 V tolerant.
5 V tolerant
clock input
pin
5 V
X1, CLK/X2
3.3 V dedicated clock input pin with 5 V
tolerant.
5 V tolerant
3.3 V output
pin
3.3 V, I
OL=6 mA
OSL
3.3 V output pin with 5 V tolerant.
Pull-up to 5 V line is possible.
Open-drain
output pin
PP1 to PP5
Open-drain structure pin.
USB buffer
IN/OUT(D+)
(D
–)
RxDATA
RxSE0
TxDATA
UD0, UD1, D10 to
D50, D11 to D51
USB buffer. The two kinds of receiver are
DATA receiver and SE0 (single end 0) receiver
on the receiving side.
On the sending side, rise and fall times are
managed in the last stage of the buffer in
order to create a difference between low-speed
and full-speed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com