Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD72012 Datasheet(PDF) 33 Page - NEC

Part # UPD72012
Description  HUB CONTROLLER FOR UNIVERSAL SERIAL BUS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD72012 Datasheet(HTML) 33 Page - NEC

Back Button UPD72012 Datasheet HTML 28Page - NEC UPD72012 Datasheet HTML 29Page - NEC UPD72012 Datasheet HTML 30Page - NEC UPD72012 Datasheet HTML 31Page - NEC UPD72012 Datasheet HTML 32Page - NEC UPD72012 Datasheet HTML 33Page - NEC UPD72012 Datasheet HTML 34Page - NEC UPD72012 Datasheet HTML 35Page - NEC UPD72012 Datasheet HTML 36Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 33 / 36 page
background image
Data Sheet S13918EJ3V0DS
33
µPD72012
33
34
22
44
1
12
11
23
44-PIN PLASTIC QFP (10x10)
ITEM
MILLIMETERS
A
B
D
G
13.6
±0.4
10.0
±0.2
0.15
1.0
I
13.6
±0.4
J
P44GB-80-3B4-5
C
10.0
±0.2
0.8 (T.P.)
K
1.8
±0.2
L
0.8
±0.2
F1.0
N
P
Q
S
0.10
2.7
±0.1
0.1
±0.1
3.0 MAX.
R5
°±5°
H0.35+0.08
−0.07
M0.17+0.08
−0.07
I
J
detail of lead end
M
C
D
A
B
Q
R
K
M
L
P
S
S
N
G
F
NOTE
Each lead centerline is located within 0.15 mm of
its true position (T.P.) at maximum material condition.
H
S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com