Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD72012 Datasheet(PDF) 1 Page - NEC

Part # UPD72012
Description  HUB CONTROLLER FOR UNIVERSAL SERIAL BUS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD72012 Datasheet(HTML) 1 Page - NEC

  UPD72012 Datasheet HTML 1Page - NEC UPD72012 Datasheet HTML 2Page - NEC UPD72012 Datasheet HTML 3Page - NEC UPD72012 Datasheet HTML 4Page - NEC UPD72012 Datasheet HTML 5Page - NEC UPD72012 Datasheet HTML 6Page - NEC UPD72012 Datasheet HTML 7Page - NEC UPD72012 Datasheet HTML 8Page - NEC UPD72012 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
HUB CONTROLLER FOR UNIVERSAL SERIAL BUS
DATA SHEET
MOS INTEGRATED CIRCUIT
µµµµPD72012
Document No. S13918EJ3V0DS00 (3rd edition)
Date Published April 2001 NS CP(K)
Printed in Japan
The
µPD72012 is a dedicated LSI for a HUB connected to a universal serial bus (USB) system.
It is an upgrade of NEC’s
µPD72011. It complies with USB specification revision 1.1.
By putting descriptors into ROM, information such as a user’s vendor ID can be implemented in the chip.
FEATURES
Compliant with Chapter 11 (HUB Specifications) of USB Specification 1.1.
Descriptors into ROM
• The user can customize the vendor ID and product ID by using Mask ROM option.
Supports 5 kinds of string descriptors (for Mask ROM code product only)
On-chip sequencer
• There is an on-chip descriptor and request response sequencer. External initial setup and control is not needed
and HUB functions can be realized using only the
µPD72012.
Downstream ports
• Four or five ports can be selected using a pin function.
Power modes
• Bus power or self-power can be selected using a pin function (an external power control circuit is required).
Corresponds to standard descriptor products
• Two kinds of standard ROM code products are provided. Standard and HUB class descriptors are on-chip in
the
µPD72012.
ROM code: 003 (individual overcurrent monitoring type Generic HUB)
ROM code: 004 (collective overcurrent monitoring type Generic HUB)
Supports two kinds of clock input
• 48 MHz oscillator input or a 4 MHz crystal resonator can be supported
Power control
• Port power control and overcurrent detection functions are on-chip. Individual port control or collective control
can be selected for these.
ORDERING INFORMATION
Part No.
Package
µPD72012CU-XXX
42-pin plastic SDIP (15.24 mm (600))
µPD72012GB-XXX-3B4
44-pin plastic QFP (10
× 10)
1999
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
The mark
shows major revised points.


Similar Part No. - UPD72012

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD72012 RENESAS-UPD72012 Datasheet
545Kb / 38P
MOS INTEGRATED CIRCUIT
1999
UPD720120 RENESAS-UPD720120 Datasheet
482Kb / 38P
MOS INTEGRATED CIRCUIT
2001
UPD720120GC-9EU RENESAS-UPD720120GC-9EU Datasheet
482Kb / 38P
MOS INTEGRATED CIRCUIT
2001
logo
NEC
UPD720122 NEC-UPD720122 Datasheet
650Kb / 82P
MOS Integrated Circuit
logo
Renesas Technology Corp
UPD720122 RENESAS-UPD720122 Datasheet
1Mb / 86P
MOS Integrated Circuit
2003
More results

Similar Description - UPD72012

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ISP1123 PHILIPS-ISP1123 Datasheet
1Mb / 49P
Universal Serial Bus compound hub
Rev. 01-5 October 1999
ISP1130 PHILIPS-ISP1130 Datasheet
1Mb / 68P
Universal Serial Bus compound hub with integrated keyboard controller
Rev. 01-23 March 2000
PDIUSBH11 PHILIPS-PDIUSBH11 Datasheet
146Kb / 26P
Universal Serial Bus Hub
1997 Aug 01
PDIUSBH11A PHILIPS-PDIUSBH11A Datasheet
157Kb / 28P
Universal Serial Bus Hub
1999 Jul 22
logo
Intel Corporation
8X930HX INTEL-8X930HX Datasheet
304Kb / 38P
UNIVERSAL SERIAL BUS HUB PERIPHERAL CONTROLLER
logo
NXP Semiconductors
ISP1520 PHILIPS-ISP1520 Datasheet
259Kb / 51P
Hi-Speed Universal Serial Bus hub controller
Rev. 02-04 May 2004
logo
Texas Instruments
TUSB2136 TI-TUSB2136 Datasheet
187Kb / 50P
UNIVERSAL SERIAL BUS KEYBOARD HUB CONTROLLER
logo
Cypress Semiconductor
CY7C65100 CYPRESS-CY7C65100 Datasheet
207Kb / 12P
Four-port Universal Serial Bus Fixed-function Hub Controller
logo
NXP Semiconductors
ISP1521 PHILIPS-ISP1521 Datasheet
270Kb / 53P
Hi-Speed Universal Serial Bus hub controller
Rev. 03-24 November 2004
ISP1520BDGA NXP-ISP1520BDGA Datasheet
261Kb / 54P
Hi-Speed Universal Serial Bus hub controller
Rev. 04-28 April 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com