Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM19-LSI Datasheet(PDF) 5 Page - Pixart Imaging Inc.

Part # LM19-LSI
Description  Optical Gaming Navigation Chip
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

LM19-LSI Datasheet(HTML) 5 Page - Pixart Imaging Inc.

  LM19-LSI Datasheet HTML 1Page - Pixart Imaging Inc. LM19-LSI Datasheet HTML 2Page - Pixart Imaging Inc. LM19-LSI Datasheet HTML 3Page - Pixart Imaging Inc. LM19-LSI Datasheet HTML 4Page - Pixart Imaging Inc. LM19-LSI Datasheet HTML 5Page - Pixart Imaging Inc. LM19-LSI Datasheet HTML 6Page - Pixart Imaging Inc. LM19-LSI Datasheet HTML 7Page - Pixart Imaging Inc. LM19-LSI Datasheet HTML 8Page - Pixart Imaging Inc. LM19-LSI Datasheet HTML 9Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
PixArt Imaging Inc.
PMW3389DM Product Datasheet
Optical Gaming Navigation Chip
Version 1.01 | 03 Jan 2019 | 11020AENW
PixArt Imaging Inc. http://www.pixart.com
All rights reserved. Any portion in this paper shall not be reproduced, copied, or transformed to any other forms without permission.
1.2 Pin Configuration
Figure 2. Device Pinout
Table 1. Pin Definition
Pin No.
Function
Symbol
Type
Description
1
Reserved
NC
NC
No connection
2
Reserved
NC
NC
No connection
3
Supply Voltage and
I/O Voltage
VDCPIX
Power
LDO output for selective analog circuit
4
VDD
Power
Input power supply
5
VDDIO
Power
I/O reference voltage
6
General Purpose Output
GPO
Output
General Purpose Output
7
Reset Control
NRESET
Input
Chip reset (Active Low)
8
Ground
GND
GND
Ground
9
Motion Output
MOTION
Output
Motion detect
10
4-wire SPI
SCLK
Input
Serial data clock
11
MOSI
Input
Serial data input
12
MISO
Output
Serial data output
13
NCS
Input
Chip select (Active Low)
14
Reserved
NC
NC
No connection
15
LED
LED_P
Input
LED Anode
16
Reserved
NC
NC
No connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com