Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM19-LSI Datasheet(PDF) 15 Page - Pixart Imaging Inc.

Part # LM19-LSI
Description  Optical Gaming Navigation Chip
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

LM19-LSI Datasheet(HTML) 15 Page - Pixart Imaging Inc.

Back Button LM19-LSI Datasheet HTML 11Page - Pixart Imaging Inc. LM19-LSI Datasheet HTML 12Page - Pixart Imaging Inc. LM19-LSI Datasheet HTML 13Page - Pixart Imaging Inc. LM19-LSI Datasheet HTML 14Page - Pixart Imaging Inc. LM19-LSI Datasheet HTML 15Page - Pixart Imaging Inc. LM19-LSI Datasheet HTML 16Page - Pixart Imaging Inc. LM19-LSI Datasheet HTML 17Page - Pixart Imaging Inc. LM19-LSI Datasheet HTML 18Page - Pixart Imaging Inc. LM19-LSI Datasheet HTML 19Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
15
Version 1.01 | 03 Jan 2019 | 11020AENW
PixArt Imaging Inc. http://www.pixart.com
All rights reserved. Any portion in this paper shall not be reproduced, copied, or transformed to any other forms without permission.
PixArt Imaging Inc.
PMW3389DM Product Datasheet
Optical Gaming Navigation Chip
4.0
Electrical Specifications
4.1 Regulatory Requirements
 Passes FCC “Part15, Subpart B, Class B”, “CISPR 22 1997 Class B” and worldwide analogous emission limits when
assembled into a mouse with shielded USB cable using ferrite bead and following PixArt’s recommendations.
 Passes IEC 62471: 2006 Photo biological safety of lamps and lamp systems
4.2 Absolute Maximum Ratings
Table 3. Absolute Maximum Ratings
Parameter
Symbol
Min
Max
Units
Notes
Storage Temperature
TS
-40
85
°C
Lead Solder Temperature
TSOLDER
260
°C
For 7 seconds, 1.6mm below seating
plane.
Supply Voltage
VDD
VDDIO
-0.5
1.80
2.10
3.60
V
V
VDDIO
-0.5
3.60
V
ESD
ESDHBM
2
kV
Human Body Model on All pins
Input Voltage
VIN
-0.5
3.6
V
All I/O pins.
4.3 Recommended Operating Conditions
Table 4. Recommended Operating Condition
Parameter
Symbol
Min
Typ.
Max
Units
Notes
Operating Temperature
TA
0
40
°C
Power Supply Voltage
VDD
1.80
1.90
2.10
V
Excluding supply noise
VDDIO
1.80
1.90
3.60
V
Excluding supply noise. (VDDIO must be
same or greater than VDD)
Power Supply Rise Time
tRT
0.15
20
ms
0 to VDD min
Supply Noise (Sinusoidal)
VNA
100
mVp-p 10 kHz —75 MHz
Serial Port Clock Frequency
fSCLK
2.0
MHz
50% duty cycle
Distance from Lens Reference
Plane to Tracking Surface
Z
2.2
2.4
2.6
mm
Speed
S
400
ips
Resolution Error
ResErr
1
%
Up to 200ips on QCK at 5000 CPI
Acceleration
A
50
g
In run mode
Lift Cutoff 2mm setting
Lift2mm
2
mm
PixArt Standard Gaming Surfaces
Lift Cutoff 3mm setting
Lift3mm
3
mm
PixArt Standard Gaming Surfaces



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com