Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM19-LSI Datasheet(PDF) 20 Page - Pixart Imaging Inc.

Part # LM19-LSI
Description  Optical Gaming Navigation Chip
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

LM19-LSI Datasheet(HTML) 20 Page - Pixart Imaging Inc.

Back Button LM19-LSI Datasheet HTML 12Page - Pixart Imaging Inc. LM19-LSI Datasheet HTML 13Page - Pixart Imaging Inc. LM19-LSI Datasheet HTML 14Page - Pixart Imaging Inc. LM19-LSI Datasheet HTML 15Page - Pixart Imaging Inc. LM19-LSI Datasheet HTML 16Page - Pixart Imaging Inc. LM19-LSI Datasheet HTML 17Page - Pixart Imaging Inc. LM19-LSI Datasheet HTML 18Page - Pixart Imaging Inc. LM19-LSI Datasheet HTML 19Page - Pixart Imaging Inc. LM19-LSI Datasheet HTML 20Page - Pixart Imaging Inc.  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
20
Version 1.01 | 03 Jan 2019 | 11020AENW
PixArt Imaging Inc. http://www.pixart.com
All rights reserved. Any portion in this paper shall not be reproduced, copied, or transformed to any other forms without permission.
PixArt Imaging Inc.
PMW3389DM Product Datasheet
Optical Gaming Navigation Chip
5.0
Registers
5.1 Registers Summary Table
PMW3389DM-T3QU registers are accessible via the serial port. The registers are used to read motion data and status as
well as to set the device configuration.
Notes: R = Read, W = Write, Read/Write= RW
Address
Register
Access
Default
Value
Address
Register
Access
Default
Value
0x00
Product_ID
R
0x47
0x24
Observation
RW
0x00
0x01
Revision_ID
R
0x01
0x25
Data_Out_Lower
R
0x00
0x02
Motion
RW
0x20
0x26
Data_Out_Upper
R
0x00
0x03
Delta_X_L
R
0x00
0x2A
SROM_ID
R
0x00
0x04
Delta_X_H
R
0x00
0x2B
Min_SQ_Run
RW
0x10
0x05
Delta_Y_L
R
0x00
0x2C
RawData_Threshold
RW
0x0A
0x06
Delta_Y_H
R
0x00
0x2D
Control2
RW
0x00
0x07
SQUAL
R
0x00
0x2E
Config5_L
RW
0x00
0x08
RawData_Sum
R
0x00
0x2F
Config5_H
RW
0x00
0x09
Maximum_RawData
R
0x00
0X3A
Power_Up_Reset
W
N/A
0x0A
Minimum_RawData
R
0x00
0x3B
Shutdown
W
N/A
0x0B
Shutter_Lower
R
0x12
0x3F
Inverse_Product_ID
R
0XB9
0x0C
Shutter_Upper
R
0x00
0x41
LiftCutoff_Cal3
RW
0x00
0x0D
Ripple Control
RW
0x07
0x42
Angle_Snap
RW
0x00
0x0E
Resolution _L
RW
0x00
0x4A
LiftCutoff_Cal1
RW
0x00
0x0F
Resolution _H
RW
0x42
0x50
Motion_Burst
RW
0x00
0x10
Config2
RW
0x20
0x62
SROM_Load_Burst
W
N/A
0x11
Angle_Tune
RW
0x00
0x63
Lift_Config
RW
0x02
0x12
Frame_Capture
RW
0x00
0x64
RawData_Burst
R
0x00
0x13
SROM_Enable
W
N/A
0x65
LiftCutoff_Cal2
R
0x00
0x14
Run_Downshift
RW
0x32
0x71
LiftCutoff_Cal_Timeout
RW
0x27
0x15
Rest1_Rate_Lower
RW
0x00
0x72
LiftCutoff_Cal_Min_Length
RW
0x09
0x16
Rest1_Rate_Upper
RW
0x00
0x73
PWM_Period_Cnt
RW
0x00
0x17
Rest1_Downshift
RW
0x1F
0x74
PWM_Width_Cnt
RW
0x00
0x18
Rest2_Rate_Lower
RW
0x63
0x19
Rest2_Rate_Upper
RW
0x00
0x1A
Rest2_Downshift
RW
0xBC
0x1B
Rest3_Rate_Lower
RW
0xF3
0x1C
Rest3_Rate_Upper
RW
0x01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com