Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM19-LSI Datasheet(PDF) 17 Page - Pixart Imaging Inc.

Part # LM19-LSI
Description  Optical Gaming Navigation Chip
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

LM19-LSI Datasheet(HTML) 17 Page - Pixart Imaging Inc.

Back Button LM19-LSI Datasheet HTML 12Page - Pixart Imaging Inc. LM19-LSI Datasheet HTML 13Page - Pixart Imaging Inc. LM19-LSI Datasheet HTML 14Page - Pixart Imaging Inc. LM19-LSI Datasheet HTML 15Page - Pixart Imaging Inc. LM19-LSI Datasheet HTML 16Page - Pixart Imaging Inc. LM19-LSI Datasheet HTML 17Page - Pixart Imaging Inc. LM19-LSI Datasheet HTML 18Page - Pixart Imaging Inc. LM19-LSI Datasheet HTML 19Page - Pixart Imaging Inc. LM19-LSI Datasheet HTML 20Page - Pixart Imaging Inc.  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
17
Version 1.01 | 03 Jan 2019 | 11020AENW
PixArt Imaging Inc. http://www.pixart.com
All rights reserved. Any portion in this paper shall not be reproduced, copied, or transformed to any other forms without permission.
PixArt Imaging Inc.
PMW3389DM Product Datasheet
Optical Gaming Navigation Chip
Parameter
Symbol
Min
Typical
Max
Units
Notes
NCS To SCLK Active
tNCS-SCLK
120
ns
From last NCS falling edge to first
SCLK rising edge
SCLK To NCS Inactive
(For Read Operation)
tSCLK-NCS
120
ns
From last SCLK rising edge to NCS
rising edge, for valid MISO data
transfer
SCLK To NCS Inactive
(For Write Operation)
tSCLK-NCS
35
s
From last SCLK rising edge to NCS
rising edge, for valid MOSI data
transfer
NCS To MISO High-Z
tNCS-MISO
500
ns
From NCS rising edge to MISO high-Z
state
MOTION Rise Time
tr-MOTION
50
ns
CL = 100pF
MOTION Fall Time
tf-MOTION
50
ns
CL = 100pF
GPO Rise Time
tr-GPO
50
CL = 100pF
GPO Fall Time
tf-GPO
50
CL = 100pF
Input Capacitance
Cin
50
pF
SCLK, MOSI, NCS
Load Capacitance
CL
100
pF
MISO, MOTION, GPO
Transient Supply
Current
IDDT
70
mA
Max supply current during the supply
ramp from 0V to VDD with min 150 us
and max 20ms rise time. (Does not
include charging currents for bypass
capacitors)
IDDTIO
60
mA
Max supply current during the supply
ramp from 0V to VDDIO with min 150
us and max 20ms rise time. (Does not
include charging currents for bypass
capacitors)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com