Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM19-LSI Datasheet(PDF) 16 Page - Pixart Imaging Inc.

Part # LM19-LSI
Description  Optical Gaming Navigation Chip
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

LM19-LSI Datasheet(HTML) 16 Page - Pixart Imaging Inc.

Back Button LM19-LSI Datasheet HTML 12Page - Pixart Imaging Inc. LM19-LSI Datasheet HTML 13Page - Pixart Imaging Inc. LM19-LSI Datasheet HTML 14Page - Pixart Imaging Inc. LM19-LSI Datasheet HTML 15Page - Pixart Imaging Inc. LM19-LSI Datasheet HTML 16Page - Pixart Imaging Inc. LM19-LSI Datasheet HTML 17Page - Pixart Imaging Inc. LM19-LSI Datasheet HTML 18Page - Pixart Imaging Inc. LM19-LSI Datasheet HTML 19Page - Pixart Imaging Inc. LM19-LSI Datasheet HTML 20Page - Pixart Imaging Inc.  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
16
Version 1.01 | 03 Jan 2019 | 11020AENW
PixArt Imaging Inc. http://www.pixart.com
All rights reserved. Any portion in this paper shall not be reproduced, copied, or transformed to any other forms without permission.
PixArt Imaging Inc.
PMW3389DM Product Datasheet
Optical Gaming Navigation Chip
4.4 AC Electrical Specifications
Table 5. AC Electrical Specifications
Chip electrical characteristics over recommended operating conditions. Typical values at 25°C, VDD = 1.9V, VDDIO=1.9V
Parameter
Symbol
Min
Typical
Max
Units
Notes
Motion Delay After
Reset
tMOT-RST
50
ms
From reset to valid motion, assuming
motion is present
Shutdown
tSTDWN
500
s
From Shutdown mode active to low
current
Wake From Shutdown
tWAKEUP
50
ms
From Shutdown mode inactive to
valid motion. Notes: A RESET must
be asserted after a shutdown. Refer
to section “Notes on Shutdown”, also
note tMOT-RST
MISO Rise Time
tr-MISO
50
ns
CL = 100pF
MISO Fall Time
tf-MISO
50
ns
CL = 100pF
MISO Delay After SCLK
tDLY-MISO
90
ns
From SCLK falling edge to MISO data
valid, no load conditions
MISO Hold Time
thold-MISO
200
ns
Data held until next falling SCLK edge
MOSI Hold Time
thold-MOSI
200
ns
Amount of time data is valid after
SCLK rising edge
MOSI Setup Time
tsetup-
MOSI
120
ns
From data valid to SCLK rising edge
SPI Time Between
Write Commands
tSWW
180
s
From rising SCLK for last bit of the
first data byte, to rising SCLK for last
bit of the second data byte.
SPI Time Between
Write And Read
Commands
tSWR
180
s
From rising SCLK for last bit of the
first data byte, to rising SCLK for last
bit of the second address byte.
SPI Time Between
Read And Subsequent
Commands
tSRW
tSRR
20
s
From rising SCLK for last bit of the
first data byte, to falling SCLK for the
first bit of the address byte of the
next command.
SPI Read Address-Data
Delay
tSRAD
160
s
From rising SCLK for last bit of the
address byte, to falling SCLK for first
bit of data being read.
SPI Read Address-Data
Delay for Burst Mode
Motion Read
tSRAD_MO
TBR
35
s
From rising SCLK for last bit of the
address byte, to falling SCLK for first
bit of data being read. Applicable for
Burst Mode Motion Read only.
NCS Inactive After
Motion Burst
tBEXIT
500
ns
Minimum NCS inactive time after
motion burst before next SPI usage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com