Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM19-LSI Datasheet(PDF) 1 Page - Pixart Imaging Inc.

Part # LM19-LSI
Description  Optical Gaming Navigation Chip
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

LM19-LSI Datasheet(HTML) 1 Page - Pixart Imaging Inc.

  LM19-LSI Datasheet HTML 1Page - Pixart Imaging Inc. LM19-LSI Datasheet HTML 2Page - Pixart Imaging Inc. LM19-LSI Datasheet HTML 3Page - Pixart Imaging Inc. LM19-LSI Datasheet HTML 4Page - Pixart Imaging Inc. LM19-LSI Datasheet HTML 5Page - Pixart Imaging Inc. LM19-LSI Datasheet HTML 6Page - Pixart Imaging Inc. LM19-LSI Datasheet HTML 7Page - Pixart Imaging Inc. LM19-LSI Datasheet HTML 8Page - Pixart Imaging Inc. LM19-LSI Datasheet HTML 9Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
PixArt Imaging Inc.
PMW3389DM Product Datasheet
Optical Gaming Navigation Chip
Version 1.01 | 03 Jan 2019 | 11020AENW
PixArt Imaging Inc. http://www.pixart.com
All rights reserved. Any portion in this paper shall not be reproduced, copied, or transformed to any other forms without permission.
PMW3389DM-T3QU: Optical Gaming Navigation Chip
General Description
PMW3389DM-T3QU is PixArt Imaging's high end corded
gaming navigation chip with illumination source in a 16pin
molded lead-frame DIP package. It provides best in class
gaming experience with the enhanced features of high
speed, high resolution, high accuracy and selectable lift
detection height to fulfill professional gamers’ need. It is
designed to be used with LM19-LSI lens to achieve
optimum performance.
Key Features
 16 pin molded lead-frame DIP package with 850nm
illumination source.
 Enhanced programmability
 Lift detection options
 Manual lift cut off calibration
 2mm or 3mm setting
 Selectable resolutions up to 16000CPI with 50CPI
step size
 Angle snapping
 Angle tunability
 Resolution error of 1% (typical) at 5000CPI up to 200ips.
 High speed motion detection 400ips (typical) and
acceleration 50g (max).
 Self –adjusting variable frame rate for optimum
performance
 Internal oscillator — no clock input needed
 Four wire serial port interface (SPI)
 Motion interrupt output
Applications
 Wired Optical gaming mice
 Integrated input devices
Key Parameters
Parameter
Value
Power supply Range
VDD: 1.8V - 2.1V
VDDIO: 1.8V - 3.6V
Lens Magnification
1:1
Interface
4 wire Serial Port Interface
(SPI)
Typical Operating
Current
@ VDD = 1.9V
Note: includes LED
current
Run: 21mA
Rest1: 3.1mA
Rest2: 0.06mA
Rest3: 0.03mA
Power Down: 10uA
Resolution (cpi)
Up to 16000
Tracking Speed (ips)
400 (typical)
Acceleration (g)
50 (max)
Package Size (mm)
10.90x16.20x5.01
Ordering Information:
Part Number
Package Type
PMW3389DM-T3QU
16pin-DIP
LM19-LSI
Lens
For any additional inquiries, please contact us at
http://www.pixart.com/contact.asp


Similar Part No. - LM19-LSI

ManufacturerPart #DatasheetDescription
logo
Pixart Imaging Inc.
LM19-LSI PIXART-LM19-LSI Datasheet
2Mb / 18P
Optical Gaming Navigation Sensor
LM19-LSI PIXART-LM19-LSI Datasheet
2Mb / 18P
Optical Gaming Navigation Sensor
More results

Similar Description - LM19-LSI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYONS2100 CYPRESS-CYONS2100 Datasheet
1Mb / 36P
OvationONS??II Wired Gaming Laser Navigation System-on-Chip
logo
Pixart Imaging Inc.
ADBS-A350 PIXART-ADBS-A350 Datasheet
1Mb / 55P
Optical Finger Navigation
ADNS-3050 PIXART-ADNS-3050 Datasheet
1Mb / 31P
Entry-level Gaming Optical Navigation Sensor
ADBS-A350 PIXART-ADBS-A350_17 Datasheet
2Mb / 16P
Optical Finger Navigation Chip
ADNS-3050 PIXART-ADNS-3050_17 Datasheet
1Mb / 9P
Entry-level Gaming Optical Navigation Sensor
PMW3320DB-TYDU PIXART-PMW3320DB-TYDU Datasheet
458Kb / 9P
Entry-Gaming Optical Navigation Sensor
PMW3325DB-TWV1 PIXART-PMW3325DB-TWV1 Datasheet
5Mb / 19P
Optical Gaming Navigation Chip
PMW3330DM-TZQU PIXART-PMW3330DM-TZQU Datasheet
782Kb / 9P
Optical Gaming Navigation Sensor
PMW3360DM-T2QU PIXART-PMW3360DM-T2QU Datasheet
2Mb / 18P
Optical Gaming Navigation Sensor
PMW3330DM-T2QU PIXART-PMW3330DM-T2QU Datasheet
2Mb / 18P
Optical Gaming Navigation Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com