Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM19-LSI Datasheet(PDF) 19 Page - Pixart Imaging Inc.

Part # LM19-LSI
Description  Optical Gaming Navigation Chip
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

LM19-LSI Datasheet(HTML) 19 Page - Pixart Imaging Inc.

Back Button LM19-LSI Datasheet HTML 12Page - Pixart Imaging Inc. LM19-LSI Datasheet HTML 13Page - Pixart Imaging Inc. LM19-LSI Datasheet HTML 14Page - Pixart Imaging Inc. LM19-LSI Datasheet HTML 15Page - Pixart Imaging Inc. LM19-LSI Datasheet HTML 16Page - Pixart Imaging Inc. LM19-LSI Datasheet HTML 17Page - Pixart Imaging Inc. LM19-LSI Datasheet HTML 18Page - Pixart Imaging Inc. LM19-LSI Datasheet HTML 19Page - Pixart Imaging Inc. LM19-LSI Datasheet HTML 20Page - Pixart Imaging Inc.  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
19
Version 1.01 | 03 Jan 2019 | 11020AENW
PixArt Imaging Inc. http://www.pixart.com
All rights reserved. Any portion in this paper shall not be reproduced, copied, or transformed to any other forms without permission.
PixArt Imaging Inc.
PMW3389DM Product Datasheet
Optical Gaming Navigation Chip
Figure 11. Mean Resolution vs. Z Height at resolution of 5000cpi
Figure 12. Path Error vs. Z Height at resolution of 5000cpi
0
5
10
15
20
25
30
35
2
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
Z Height (mm)
Typical Path Deviation on PixArt Standard Gaming Surfaces
Single Perpendicular Deviation From Straight Line at 45 degree,
Path Length = 4", Speed = 6ips, Resolution = 5000dpi
G Soft
Artisan 0
Roccat Hiro
Manticor
QCK
Vespula Speed
Sphex
4HD
3500
3700
3900
4100
4300
4500
4700
4900
5100
5300
5500
2
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
Z Height (mm)
Resolution vs Z Height on PiXArt Standard Gaming Surfaces
Straight Line at 45 Degree, Path Length = 4", Speed = 6ips, Resolution =
5000cpi
G Soft
Artisan 0
Roccat Hiro
Manticor
QCK
Vespula Speed
Sphex
4HD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com