Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTC50150 Datasheet(PDF) 9 Page - STMicroelectronics

Part # MTC50150
Description  ADSL GATEWAY PROCESSOR
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MTC50150 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button MTC50150 Datasheet HTML 5Page - STMicroelectronics MTC50150 Datasheet HTML 6Page - STMicroelectronics MTC50150 Datasheet HTML 7Page - STMicroelectronics MTC50150 Datasheet HTML 8Page - STMicroelectronics MTC50150 Datasheet HTML 9Page - STMicroelectronics MTC50150 Datasheet HTML 10Page - STMicroelectronics MTC50150 Datasheet HTML 11Page - STMicroelectronics MTC50150 Datasheet HTML 12Page - STMicroelectronics MTC50150 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9/20
MTC50150
SD_A4
R6
O
PRT08DGZ
SDRAM Address Bit 04
SD_A5
T5
O
PRT08DGZ
SDRAM Address Bit 05
SD_A6
R5
O
PRT08DGZ
SDRAM Address Bit 06
SD_A7
N4
O
PRT08DGZ
SDRAM Address Bit 07
SD_A8
T4
O
PRT08DGZ
SDRAM Address Bit 08
SD_A9
P4
O
PRT08DGZ
SDRAM Address Bit 09
SD_A10
R4
O
PRT08DGZ
SDRAM Address Bit 10
SD_A11
T3
O
PRT08DGZ
SDRAM Address Bit 11
SD_A12
R3
O
PRT08DGZ
SDRAM Address Bit 12
SD_A13
T2
O
PRT08DGZ
SDRAM Address Bit 13
SD_A14
T1
O
PRT08DGZ
SDRAM Address Bit 14
SD_D15
G1
B
PRB08DGZ
SDRAM Data Bit 15
SD_D14
G3
B
PRB08DGZ
SDRAM Data Bit 14
SD_D13
G4
B
PRB08DGZ
SDRAM Data Bit 13
SD_D12
H2
B
PRB08DGZ
SDRAM Data Bit 12
SD_D11
H1
B
PRB08DGZ
SDRAM Data Bit 11
SD_D10
H3
B
PRB08DGZ
SDRAM Data Bit 10
SD_D9
H4
B
PRB08DGZ
SDRAM Data Bit 09
SD_D8
J4
B
PRB08DGZ
SDRAM Data Bit 08
SD_D7
J2
B
PRB08DGZ
SDRAM Data Bit 07
SD_D6
K4
B
PRB08DGZ
SDRAM Data Bit 06
SD_D5
K3
B
PRB08DGZ
SDRAM Data Bit 05
SD_D4
K1
B
PRB08DGZ
SDRAM Data Bit 04
SD_D3
L4
B
PRB08DGZ
SDRAM Data Bit 03
SD_D2
L3
B
PRB08DGZ
SDRAM Data Bit 02
SD_D1
L1
B
PRB08DGZ
SDRAM Data Bit 01
SD_D0
L2
B
PRB08DGZ
SDRAM Data Bit 00
SD_nCS
P1
O
PRT08DGZ
SDRAM Chip Select
SD_CKE
R1
O
PRT08DGZ
SDRAM Clock Enable
SD_DQM0
M1
O
PRT08DGZ
SDRAM Data Mask 0 (Byte Enable)
SD_DQM1
M2
O
PRT08DGZ
SDRAM Data Mask 1 (Byte Enable)
Table 2. MTC50150 Pin list (continued)
Name
Pin
B
Buffer Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com