Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTC50150 Datasheet(PDF) 17 Page - STMicroelectronics

Part # MTC50150
Description  ADSL GATEWAY PROCESSOR
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MTC50150 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button MTC50150 Datasheet HTML 12Page - STMicroelectronics MTC50150 Datasheet HTML 13Page - STMicroelectronics MTC50150 Datasheet HTML 14Page - STMicroelectronics MTC50150 Datasheet HTML 15Page - STMicroelectronics MTC50150 Datasheet HTML 16Page - STMicroelectronics MTC50150 Datasheet HTML 17Page - STMicroelectronics MTC50150 Datasheet HTML 18Page - STMicroelectronics MTC50150 Datasheet HTML 19Page - STMicroelectronics MTC50150 Datasheet HTML 20Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
17/20
MTC50150
Summary of functional, power supply, and unconnected Pins:
Table 3. Summary of MTC50150 Pin list
SELECT106M
-
NA
PDDWDGZ
do not bond; ‘0’ default value, bond to
nearby VDD_IO to get ‘1’ value
(activates 106 MHz CPU clock)
SELECT70M
-
NA
PDDWDGZ
do not bond; ‘0’ default value, bond to
nearby VDD_IO to get ‘1’ value
(activates 70 MHz CPU clock)
SELRSTDLY
-
NA
PDDWDGZ
do not bond; ‘0’ default value; bond to
nearby VDD_IO to get ‘1’ value
(activates prolonged external reset
delay)
Pin Group
Pin Number
SDRAM
57
ARM/Misc
4
JTAG test port
5
Flash PROM / ISA like interface
42
ADSL Front End
13
Ethernet MII
18
GPIO
7
Serial Interface
4
Test pins
2
I/O supply
26
Core supply
26
PLL analog + digital supply
4
Not Connected
0
Total (TBGA-208)
208
Table 2. MTC50150 Pin list (continued)
Name
Pin
B
Buffer Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com