Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTC50150 Datasheet(PDF) 13 Page - STMicroelectronics

Part # MTC50150
Description  ADSL GATEWAY PROCESSOR
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MTC50150 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button MTC50150 Datasheet HTML 9Page - STMicroelectronics MTC50150 Datasheet HTML 10Page - STMicroelectronics MTC50150 Datasheet HTML 11Page - STMicroelectronics MTC50150 Datasheet HTML 12Page - STMicroelectronics MTC50150 Datasheet HTML 13Page - STMicroelectronics MTC50150 Datasheet HTML 14Page - STMicroelectronics MTC50150 Datasheet HTML 15Page - STMicroelectronics MTC50150 Datasheet HTML 16Page - STMicroelectronics MTC50150 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13/20
MTC50150
ISA_DATA1 /
FS IN #8
D16
B /
I
PRB08DGZ
ISA / Flash PROM Data bus Bit 1
Full scan input chain 8
ISA_DATA0 /
FS IN #7
D15
B /
I
PRB08DGZ
ISA / Flash PROM Data bus Bit 0
Full scan input chain 7
ADSL Interface (13)
AF_RXD3 /
FS IN #2
B1
I /
I
PDIDGZ
ADSL AFE Receive Data Bit 3 /
Full scan input chain 2
AF_RXD2
A1
I
PDIDGZ
ADSL AFE Receive Data Bit 2
AF_RXD1
A2
I
PDIDGZ
ADSL AFE Receive Data Bit 1
AF_RXD0
B3
I
PDIDGZ
ADSL AFE Receive Data Bit 0
AF_TXD3 /
FS OUT #4
E2
O /
O
PRT08DGZ
ADSL AFE Transmit Data Bit 3 /
Full scan output chain 4
AF_TXD2 /
FS OUT #3
D4
O /
O
PRT08DGZ
ADSL AFE Transmit Data Bit 2 /
Full scan output chain 3
AF_TXD1 /
FS OUT #2
D1
O /
O
PRT08DGZ
ADSL AFE Transmit Data Bit 1 /
Full scan output chain 2
AF_TXD0 /
FS OUT #1
D3
O /
O
PRT08DGZ
ADSL AFE Transmit Data Bit 0 /
Full scan output chain 1
AF_CLWD /
FS IN #1
C1
I /
I
PDIDGZ
ADSL Start Of Word Indication /
Full scan input chain 1
AF_CTRLDATA /
FS OUT #15
C2
O /
O
PRT08DGZ
ADSL Serial Data Transmit Channel /
Full scan output chain 15 (A946E)
MCLK
B4
I
PDISDGZ
ADSL Master Clock
MnRST
A3
I
PDISDGZ
ADSL Master (Chip) Reset
AF_nPOWERLOW /
FS OUT #16
D2
O /
O
PRT08DGZ
ADSL Power Down Analog FrontEnd /
Full scan output chain 16 (A946E)
Ethernet MII Interface (18)
M_TXCLK /
U_TXCLK
P15
I
PDISDGZ
Ethernet MII Transmit Clock /
Utopia Transmit Clock
M_TXEN /
U_RXDATA4
T14
O /
OZ
PRT08DGZ
Ethernet MII Transmit Enable /
Utopia Receive Data Bit 4
M_TXD3 /
U_RXDATA3
R14
O /
OZ
PRT08DGZ
Ethernet MII Transmit Data Bit 3 /
Utopia Receive Data Bit 3
M_TXD2 /
U_RXDATA2
T15
O /
OZ
PRT08DGZ
Ethernet MII Transmit Data Bit 2 /
Utopia Receive Data Bit 2
M_TXD1 /
U_RXDATA1
T16
O /
OZ
PRT08DGZ
Ethernet MII Transmit Data Bit 1 /
Utopia Receive Data Bit 1
M_TXD0 /
U_RXDATA0
R16
O /
OZ
PRT08DGZ
Ethernet MII Transmit Data Bit 0 /
Utopia Receive Data Bit 0
Table 2. MTC50150 Pin list (continued)
Name
Pin
B
Buffer Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com