Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTC50150 Datasheet(PDF) 15 Page - STMicroelectronics

Part # MTC50150
Description  ADSL GATEWAY PROCESSOR
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MTC50150 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button MTC50150 Datasheet HTML 11Page - STMicroelectronics MTC50150 Datasheet HTML 12Page - STMicroelectronics MTC50150 Datasheet HTML 13Page - STMicroelectronics MTC50150 Datasheet HTML 14Page - STMicroelectronics MTC50150 Datasheet HTML 15Page - STMicroelectronics MTC50150 Datasheet HTML 16Page - STMicroelectronics MTC50150 Datasheet HTML 17Page - STMicroelectronics MTC50150 Datasheet HTML 18Page - STMicroelectronics MTC50150 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
15/20
MTC50150
GPIO2 /
PB0 /
FS IN #16
A13
B /
O /
I
PRB08DGZ
General Purpose Pin 2 /
Main Clock Control PB0 /
Full scan input chain 16 (A946ES)
GPIO1 /
SI_RCLK /
SER2nCTS /
TRACEPKT13 /
U_TXADDR4
F13
B /
I /
I /
O /
I
PRB08DGZ
General Purpose Pin 1 /
External UART Clock /
CleanDMEP Serial Interface 2 nCTS
/ ETM9 Trace packet 13 /
Utopia Transmit Address Bit 4
GPIO0 /
SER2nRTS /
TRACEPKT12 /
U_NOTTXREF
G16
B /
O /
O /
I
PRB08DGZ
General Purpose Pin 0 /
CleanDMEP Serial Interface 2 nRTS
/ ETM9 Trace packet 12 /
Utopia Transmit Reference Clock
SI Serial Interface (4)
SI_SIN /
SER1SI
C7
I
PDIDGZ
Serial Interface Serial Data Input /
CleanDMEP Serial Interface 1 – serial
input
SI_SOUT /
SER1SO
B8
O
PRT08DGZ
Serial Interface Serial Data Output /
CleanDMEP Serial Interface 1 – serial
output
SI_nRTS /
SER1nRTS
A8
O
PRT08DGZ
Serial Interface Not Ready To Send /
CleanDMEP Serial Interface 1 nRTS
SI_nCTS /
SER1nCTS
D7
I
PDIDGZ
Serial Interface Not Clear To Send /
CleanDMEP Serial Interface 1 nCTS
Miscellaneous Test Pins (2)
IDDQMode
C6
I
PDIDGZ
IDDQ mode activation
FSSHIFT
A6
ID
PDDWDGZ
Full Scan Shift Enable
Core Power Supply Pins (26) [1.8V]
VDD_CORE
F2,
K2,
R2,
P5,
N9,
R10,
R15,
L15,
E13,
B15,
D12,
B6,
B2
P
PVDD1DGZ
1.8V
Table 2. MTC50150 Pin list (continued)
Name
Pin
B
Buffer Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com