Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTC50150 Datasheet(PDF) 14 Page - STMicroelectronics

Part # MTC50150
Description  ADSL GATEWAY PROCESSOR
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MTC50150 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button MTC50150 Datasheet HTML 10Page - STMicroelectronics MTC50150 Datasheet HTML 11Page - STMicroelectronics MTC50150 Datasheet HTML 12Page - STMicroelectronics MTC50150 Datasheet HTML 13Page - STMicroelectronics MTC50150 Datasheet HTML 14Page - STMicroelectronics MTC50150 Datasheet HTML 15Page - STMicroelectronics MTC50150 Datasheet HTML 16Page - STMicroelectronics MTC50150 Datasheet HTML 17Page - STMicroelectronics MTC50150 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
MTC50150
14/20
M_TXER /
U_RXDATA5
T13
O /
OZ
PRT08DGZ
Ethernet MII Transmit Error /
Utopia Receive Data Bit 5
M_CRS /
U_TXDATA7
M14
I
PDIDGZ
Ethernet MII Carrier Sense /
Utopia Transmit Data Bit 7
M_COL /
U_TXDATA6 /
FS IN #4
M13
ID /
I /
I
PDDWDGZ
Ethernet MII Collision Detection /
Utopia Transmit Data Bit 6 /
Full scan input chain 4
M_RXCLK /
U_RXCLK
N15
I
PDISDGZ
Ethernet MII Receive Clock /
Utopia Receive Clock
M_RXDV /
U_TXDATA4
P16
I
PDIDGZ
Ethernet MII Receive Data Valid /
Utopia Transmit Data Bit 4
M_RXD3 /
U_TXDATA3
N14
I
PDIDGZ
Ethernet MII Receive Data Bit 3 /
Utopia Transmit Data Bit 3
M_RXD2 /
U_TXDATA2
N16
I
PDIDGZ
Ethernet MII Receive Data Bit 2 /
Utopia Transmit Data Bit 2
M_RXD1 /
U_TXDATA1
N13
I
PDIDGZ
Ethernet MII Receive Data Bit 1 /
Utopia Transmit Data Bit 1
M_RXD0 /
U_TXDATA0
M15
I
PDIDGZ
Ethernet MII Receive Data Bit 0 /
Utopia Transmit Data Bit 0
M_RXER /
U_TXDATA5
M16
I
PDIDGZ
Ethernet MII Receive Error /
Utopia Transmit Data Bit 5
M_MDC /
U_RXDATA6
L14
O /
OZ
PRT08DGZ
Ethernet MII Management Data Clock /
Utopia Receive Data Bit 6
M_MDIO /
U_RXDATA7 /
FS IN #5
L13
B /
OZ /
I
PRB08DGZ
Ethernet MII Management Data /
Utopia Receive Data Bit 7 /
Full scan input chain 5
GPIO Interface (7)
GPIO6 /
SER2SI /
PIPESTAT2 /
U_RXADDR3
H16
B /
I /
O /
I
PRB08DGZ
General Purpose Pin 6 /
CleanDMEP Serial Interface 2 – serial
input /
ETM9 Trace port Pipe status 2 /
Utopia Receive Address Bit 3
GPIO5 /
SER2SO /
PIPESTAT1 /
U_RXADDR4
H14
B /
O /
O /
I
PRB08DGZ
General Purpose Pin 5 /
CleanDMEP Serial Interface 2 – serial
output /
ETM9 Trace port Pipe status 1 /
Utopia Receive Address Bit 4
GPIO4 /
M_LINK /
TRACEPKT15 /
U_TXSOC
F16
B /
I /
O /
I
PRB08DGZ
General Purpose Pin 4 /
Ethernet Link Status Input /
ETM9 Trace packet 15 /
Utopia Transmit Start Of Cell
GPIO3 /
PB1 /
TRACEPKT14 /
U_TXADDR3
F14
B /
O /
O /
I
PRB08DGZ
General Purpose Pin 3 /
Main Clock Control PB1 /
ETM9 Trace packet 14 /
Utopia Transmit Address Bit 3
Table 2. MTC50150 Pin list (continued)
Name
Pin
B
Buffer Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com