Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTC50150 Datasheet(PDF) 16 Page - STMicroelectronics

Part # MTC50150
Description  ADSL GATEWAY PROCESSOR
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MTC50150 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button MTC50150 Datasheet HTML 12Page - STMicroelectronics MTC50150 Datasheet HTML 13Page - STMicroelectronics MTC50150 Datasheet HTML 14Page - STMicroelectronics MTC50150 Datasheet HTML 15Page - STMicroelectronics MTC50150 Datasheet HTML 16Page - STMicroelectronics MTC50150 Datasheet HTML 17Page - STMicroelectronics MTC50150 Datasheet HTML 18Page - STMicroelectronics MTC50150 Datasheet HTML 19Page - STMicroelectronics MTC50150 Datasheet HTML 20Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
MTC50150
16/20
VSS_CORE
F1,
N5,
P9,
K10,
L16,
F15,
G10,
B11,
D5,
G9,
H9,
J10,
H10
P
PVSS3DGZ
0 V, common with VSS_IO
I/O Power Supply Pins (28) [3.3V]
VDD_IO
C3,
G2,
J3,
M3,
P3,
R7,
N11,
P14,
K15,
G15,
C14,
D11,
D6
P
PVDD2DGZ
3.3 V
VSS_IO
H8,
H7,
J1,
M4,
K7,
K8,
P11,
J9,
G8,
G7,
J7,
J8,
K9
P
PVSS3DGZ
0 V, common with VSS_CORE
PLL Digital and Analog Power Supply Pins (4) [1.8V]
VDD_DIG_PLL
A5
P
PVDD1P
1.8V (DVDD)
VSS_DIG_PLL
B5
P
PVSS1P
0 V (not common with VSS_CORE)
(DVSS)
VDD_AN_PLL
A4
P
PVDD1P
1.8V (AVDD)
VSS_AN_PLL
C4
P
PVSS1P
0 V (not common with VSS_CORE)
(AVSS)
Unconnected Pads (0) (all have an internal pull-down resistor)
SWMODE0
-
NA
PDDWDGZ
do not bond; ‘0’ default value, bond to
nearby VDD_IO to get ‘1’ value
Table 2. MTC50150 Pin list (continued)
Name
Pin
B
Buffer Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com