Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTC50150 Datasheet(PDF) 12 Page - STMicroelectronics

Part # MTC50150
Description  ADSL GATEWAY PROCESSOR
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MTC50150 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button MTC50150 Datasheet HTML 8Page - STMicroelectronics MTC50150 Datasheet HTML 9Page - STMicroelectronics MTC50150 Datasheet HTML 10Page - STMicroelectronics MTC50150 Datasheet HTML 11Page - STMicroelectronics MTC50150 Datasheet HTML 12Page - STMicroelectronics MTC50150 Datasheet HTML 13Page - STMicroelectronics MTC50150 Datasheet HTML 14Page - STMicroelectronics MTC50150 Datasheet HTML 15Page - STMicroelectronics MTC50150 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
MTC50150
12/20
ISA_DATA15 /
ROM_ADDR23 /
PIPESTAT0 /
U_RXENB
H13
B /
O /
O /
I
PRB08DGZ
ISA / Flash PROM Data bus Bit 15 /
Flash PROM Address bit 23 in 8 bit
mode /
ETM9 Trace port Pipe status 0 /
Utopia Receive Enable
ISA_DATA14 /
ROM_ADDR22/
TRACEPKT4 /
U_TXENB
J13
B /
O /
O /
I
PRB08DGZ
ISA / Flash PROM Data bus Bit 14 /
Flash PROM Address bit 22 in 8 bit
mode/
ETM9 Trace packet 4 /
Utopia Transmit Enable
ISA_DATA13 /
GPIO12 /
TRACEPKT2 /
U_RXADDR2
J14
B /
B /
O /
I
PRB08DGZ
ISA / Flash PROM Data bus Bit 13 /
GPIO12 in 8 bit mode /
ETM9 Trace packet 2 /
Utopia Receive Address Bit 2
ISA_DATA12 /
GPIO11 /
TRACESYNC /
U_RXADDR1
J16
B /
B /
O /
I
PRB08DGZ
ISA / Flash PROM Data bus Bit 12 /
GPIO11 in 8 bit mode/
ETM9 Trace Sync signal /
Utopia Receive Address Bit 1
ISA_DATA11 /
GPIO10 /
TRACEPKT3 /
U_RXADDR0
J15
B /
B /
O /
I
PRB08DGZ
ISA / Flash PROM Data bus Bit 11 /
GPIO10 in 8 bit mode/
ETM9 Trace packet 3 /
Utopia Receive Address Bit 0
ISA_DATA10 /
GPIO9 /
TRACECLK /
U_TXADDR2
K13
B /
B /
O /
I
PRB08DGZ
ISA / Flash PROM Data bus Bit 10 /
GPIO9 in 8 bit mode/
ETM9 Trace clock /
Utopia Transmit Address Bit 2
ISA_DATA9 /
GPIO8 /
TRACEPKT1 /
U_TXADDR1
K14
B /
B /
O /
I
PRB08DGZ
ISA / Flash PROM Data bus Bit 9 /
GPIO8 in 8 bit mode/
ETM9 Trace packet 1 /
Utopia Transmit Address Bit 1
ISA_DATA8 /
GPIO7 /
TRACEPKT0 /
U_TXADDR0
K16
B /
B /
O /
I
PRB08DGZ
ISA / Flash PROM Data bus Bit 8 /
GPIO7 in 8 bit mode/
ETM9 Trace packet 0 /
Utopia Transmit Address Bit 0
ISA_DATA7 /
FS IN #14
B14
B /
I
PRB08DGZ
ISA / Flash PROM Data bus Bit 7
Full scan input chain 14
ISA_DATA6 /
FS IN #13
A15
B /
I
PRB08DGZ
ISA / Flash PROM Data bus Bit 6
Full scan input chain 13
ISA_DATA5 /
FS IN #12
A16
B /
I
PRB08DGZ
ISA / Flash PROM Data bus Bit 5
Full scan input chain 12
ISA_DATA4 /
FS IN #11
B16
B /
I
PRB08DGZ
ISA / Flash PROM Data bus Bit 4
Full scan input chain 11
ISA_DATA3 /
FS IN #10
C15
B /
I
PRB08DGZ
ISA / Flash PROM Data bus Bit 3
Full scan input chain 10
ISA_DATA2 /
FS IN #9
C16
B /
I
PRB08DGZ
ISA / Flash PROM Data bus Bit 2
Full scan input chain 9
Table 2. MTC50150 Pin list (continued)
Name
Pin
B
Buffer Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com