Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC705JB3 Datasheet(PDF) 48 Page - Freescale Semiconductor, Inc

Part # 68HC705JB3
Description  8-bit microcontroller units (MCUs)
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC705JB3 Datasheet(HTML) 48 Page - Freescale Semiconductor, Inc

Back Button 68HC705JB3 Datasheet HTML 44Page - Freescale Semiconductor, Inc 68HC705JB3 Datasheet HTML 45Page - Freescale Semiconductor, Inc 68HC705JB3 Datasheet HTML 46Page - Freescale Semiconductor, Inc 68HC705JB3 Datasheet HTML 47Page - Freescale Semiconductor, Inc 68HC705JB3 Datasheet HTML 48Page - Freescale Semiconductor, Inc 68HC705JB3 Datasheet HTML 49Page - Freescale Semiconductor, Inc 68HC705JB3 Datasheet HTML 50Page - Freescale Semiconductor, Inc 68HC705JB3 Datasheet HTML 51Page - Freescale Semiconductor, Inc 68HC705JB3 Datasheet HTML 52Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 134 page
background image
GENERAL RELEASE SPECIFICATION
November 5, 1998
MOTOROLA
INPUT/OUTPUT PORTS
MC68HC05JB3
7-2
REV 1
7.1.1 Port-A Data Register
7.1.2 Port-A Data Direction Register
DDRAx — PAx Data Direction
1 =
Port pin set as output.
0 =
Port pin set as input.
7.1.3 Port-A Pull-down/up Register
With the pull-up/down mask option selected, each pin in Port-A has an internal
pull-down resistor which can be enabled by writing a ‘0’ to the corresponding bit in
the Port-A pull-down/up control register (PDURA) at location $0010.
PDRAx — PAx Pin Pull-down enable
1 =
Internal pull-down disabled.
0 =
Internal pull-down enabled.
7.1.4 PA0-PA3 Interrupts
A mask option selects the capability for PA0-PA3 to be used as external IRQ inter-
rupt inputs. These four I/O pins also have schmitt trigger input circuits.
See INTERRUPTS section for detail.
PDRAx
DDRAx
Pin Configuration
0
0
Input with pull-down
0
1
Output Push/Pull
1
0
Input
1
1
Output Push/Pull
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
PORTA
R
PA7
PA6
PA5
PA4
PA3
PA2
PA1
PA0
$0000
W
reset:
00000000
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
DDRA
R
DDRA7
DDRA6
DDRA5
DDRA4
DDRA3
DDRA2
DDRA1
DDRA0
$0004
W
reset:
00000000
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
PDURA
R
$0010
W
PDRA7
PDRA7
PDRA7
PDRA7
PDRA7
PDRA7
PDRA7
PDRA7
reset:
00000000
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com