Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC705JB3 Datasheet(PDF) 70 Page - Freescale Semiconductor, Inc

Part # 68HC705JB3
Description  8-bit microcontroller units (MCUs)
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC705JB3 Datasheet(HTML) 70 Page - Freescale Semiconductor, Inc

Back Button 68HC705JB3 Datasheet HTML 66Page - Freescale Semiconductor, Inc 68HC705JB3 Datasheet HTML 67Page - Freescale Semiconductor, Inc 68HC705JB3 Datasheet HTML 68Page - Freescale Semiconductor, Inc 68HC705JB3 Datasheet HTML 69Page - Freescale Semiconductor, Inc 68HC705JB3 Datasheet HTML 70Page - Freescale Semiconductor, Inc 68HC705JB3 Datasheet HTML 71Page - Freescale Semiconductor, Inc 68HC705JB3 Datasheet HTML 72Page - Freescale Semiconductor, Inc 68HC705JB3 Datasheet HTML 73Page - Freescale Semiconductor, Inc 68HC705JB3 Datasheet HTML 74Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 134 page
background image
GENERAL RELEASE SPECIFICATION
November 5, 1998
MOTOROLA
UNIVERSAL SERIAL BUS MODULE
MC68HC05JB3
10-2
REV 1
10.2
OVERVIEW
This section provides an overview of the Universal Serial Bus (USB) module in the
MC68HC05JB3. This USB module is designed to serve as a low-speed (LS) USB
device per the Universal Serial Bus Specification Rev 1.0. Three types of USB
data transfers are supported: control, interrupt, and bulk (transmit only).
Endpoint 0 functions as a receive/transmit control endpoint. Endpoints 1 and 2
can function as interrupt or bulk, but only in the transmit direction.
A block diagram of the USB module is shown Figure 10-1. The USB module
manages communications between the host and the USB function. The module is
partitioned into four functional blocks. These blocks consist of a 3.3 volt regulator,
a dual function transceiver, the USB control logic, and the endpoint registers. The
blocks are further detailed in Section 10.4.
Figure 10-1. USB Block Diagram
D+
D–
RCV
VPIN
VMIN
VPOUT
VMOUT
REGULATOR
3.3V OUT
CPU BUS
USB REGISTERS
USB
Upstream
Port
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com