Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC705JB3 Datasheet(PDF) 87 Page - Freescale Semiconductor, Inc

Part # 68HC705JB3
Description  8-bit microcontroller units (MCUs)
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC705JB3 Datasheet(HTML) 87 Page - Freescale Semiconductor, Inc

Back Button 68HC705JB3 Datasheet HTML 83Page - Freescale Semiconductor, Inc 68HC705JB3 Datasheet HTML 84Page - Freescale Semiconductor, Inc 68HC705JB3 Datasheet HTML 85Page - Freescale Semiconductor, Inc 68HC705JB3 Datasheet HTML 86Page - Freescale Semiconductor, Inc 68HC705JB3 Datasheet HTML 87Page - Freescale Semiconductor, Inc 68HC705JB3 Datasheet HTML 88Page - Freescale Semiconductor, Inc 68HC705JB3 Datasheet HTML 89Page - Freescale Semiconductor, Inc 68HC705JB3 Datasheet HTML 90Page - Freescale Semiconductor, Inc 68HC705JB3 Datasheet HTML 91Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 134 page
background image
November 5, 1998
GENERAL RELEASE SPECIFICATION
MC68HC05JB3
UNIVERSAL SERIAL BUS MODULE
MOTOROLA
REV 1
10-19
10.5.1 USB Address Register (UADDR)
USBEN — USB Module Enable
This read/write bit enables and disables the USB module and the USB pins.
When USBEN is clear, the USB module will not respond to any tokens. Reset
clears this bit.
1 =
USB function enabled.
0 =
USB function disabled.
UADD6-UADD0 — USB Function Address
These bits specify the USB address of the device. Reset clears these bits.
10.5.2 USB Interrupt Register 0 (UIR0)
TXD0F — Endpoint 0 Data Transmit Flag
This read only bit is set after the data stored in Endpoint 0 transmit buffers has
been sent and an ACK handshake packet from the host is received. Once the
next set of data is ready in the transmit buffers, software must clear this flag by
writing a logic 1 to the TXD0FR bit. To enable the next data packet transmis-
sion, TX0E must also be set. If TXD0F bit is not cleared, a NAK handshake will
be returned in the next IN transaction.
Reset clears this bit. Writing a logic 0 to TXD0F has no effect.
1 =
Transmit on Endpoint 0 has occurred.
0 =
Transmit on Endpoint 0 has not occurred.
RXD0F — Endpoint 0 Data Receive Flag
This read only bit is set after the USB module has received a data packet and
responded with an ACK handshake packet. Software must clear this flag by
writing a logic 1 to the RXD0FR bit after all of the received data has been read.
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
UADDR
R
USBEN
UADD6
UADD5
UADD4
UADD3
UADD2
UADD1
UADD0
$0038
W
reset:
00000000
Figure 10-20. USB Address Register (UADDR)
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
UIR0
R
TXD0F
RXD0F
RSTF
SUSPND
TXD0IE
RXD0IE
00
$0039
W
TXD0FR
RXD0FR
reset:
00000000
= Unimplemented
Figure 10-21. USB Interrupt Register 0 (UIR0)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com