Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC705JB3 Datasheet(PDF) 92 Page - Freescale Semiconductor, Inc

Part # 68HC705JB3
Description  8-bit microcontroller units (MCUs)
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC705JB3 Datasheet(HTML) 92 Page - Freescale Semiconductor, Inc

Back Button 68HC705JB3 Datasheet HTML 88Page - Freescale Semiconductor, Inc 68HC705JB3 Datasheet HTML 89Page - Freescale Semiconductor, Inc 68HC705JB3 Datasheet HTML 90Page - Freescale Semiconductor, Inc 68HC705JB3 Datasheet HTML 91Page - Freescale Semiconductor, Inc 68HC705JB3 Datasheet HTML 92Page - Freescale Semiconductor, Inc 68HC705JB3 Datasheet HTML 93Page - Freescale Semiconductor, Inc 68HC705JB3 Datasheet HTML 94Page - Freescale Semiconductor, Inc 68HC705JB3 Datasheet HTML 95Page - Freescale Semiconductor, Inc 68HC705JB3 Datasheet HTML 96Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 134 page
background image
GENERAL RELEASE SPECIFICATION
November 5, 1998
MOTOROLA
UNIVERSAL SERIAL BUS MODULE
MC68HC05JB3
10-24
REV 1
TX1E — Endpoint 1/Endpoint 2 Transmit Enable
This read/write bit enables a transmit to occur when the USB Host controller
sends an IN token to Endpoint 1 or Endpoint 2. The appropriate endpoint
enable bit, ENABLE1 or ENABLE2 bit in the UCR2 register, should also be set.
Software should set the TX1E bit when data is ready to be transmitted. It must
be cleared by software when no more data needs to be transmitted.
If this bit is 0 or the TXD1F is set, the USB will respond with a NAK handshake
to any Endpoint 1 or Endpoint 2 directed IN tokens. Reset clears this bit.
1 =
Data is ready to be sent.
0 =
Data is not ready. Respond with NAK.
FRESUM — Force Resume
This read/write bit forces a resume state (“K” or non-idle state) onto the USB
data lines to initiate a remote wake-up. Software should control the timing of the
forced resume to be between 10ms and 15 ms. Setting this bit will not cause
the RESUMF bit to set.
1 =
Force data lines to “K” state.
0 =
Default.
TP1SIZ3-TP1SIZ0 — Endpoint 1/Endpoint 2 Transmit Data Packet Size
These read/write bits store the number of transmit data bytes for the next IN
token request for Endpoint 1 or Endpoint 2. These bits are cleared by reset.
10.5.6 USB Control Register 2 (UCR2)
TX1STR — Clear Transmit First Flag
Writing a logic 1 to this write-only bit will clear the TX1ST bit if it is set. Writing a
logic 0 to the TX1STR has no effect. Reset clears this bit.
TX1ST — Transmit First Flag
This read-only bit is set if the Endpoint 0 Data Transmit Flag (TXD0F) is set
when the USB control logic is setting the Endpoint 0 Data Receive Flag
(RXD0F). That is, this bit will be set if an Endpoint 0 Transmit Flag is still set at
the end of an Endpoint 0 reception. This bit lets the firmware know that the
Endpoint 0 transmission happened before the Endpoint 0 reception. Reset
clears this bit.
1 =
IN transaction occurred before SETUP/OUT.
0 =
IN transaction occurred after SETUP/OUT.
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
UCR2
R
0
TX1ST
0
ENABLE2 ENABLE1
STALL2
STALL1
$0037
W
TX1STR
reset
:
-
-
0
-
0000
= Unimplemented
Figure 10-25. USB Control Register 2 (UCR2)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com