Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC705JB3 Datasheet(PDF) 67 Page - Freescale Semiconductor, Inc

Part # 68HC705JB3
Description  8-bit microcontroller units (MCUs)
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC705JB3 Datasheet(HTML) 67 Page - Freescale Semiconductor, Inc

Back Button 68HC705JB3 Datasheet HTML 63Page - Freescale Semiconductor, Inc 68HC705JB3 Datasheet HTML 64Page - Freescale Semiconductor, Inc 68HC705JB3 Datasheet HTML 65Page - Freescale Semiconductor, Inc 68HC705JB3 Datasheet HTML 66Page - Freescale Semiconductor, Inc 68HC705JB3 Datasheet HTML 67Page - Freescale Semiconductor, Inc 68HC705JB3 Datasheet HTML 68Page - Freescale Semiconductor, Inc 68HC705JB3 Datasheet HTML 69Page - Freescale Semiconductor, Inc 68HC705JB3 Datasheet HTML 70Page - Freescale Semiconductor, Inc 68HC705JB3 Datasheet HTML 71Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 134 page
background image
November 5, 1998
GENERAL RELEASE SPECIFICATION
MC68HC05JB3
16-BIT TIMER
MOTOROLA
REV 1
9-11
IEDG - INPUT CAPTURE EDGE SELECT
The state of this read/write bit determines whether a positive or negative transi-
tion on the TCAP pin triggers a transfer of the contents of the timer register to
the input capture register. Reset has no effect on the IEDG bit.
1 =
Positive edge (low to high transition) triggers input capture.
0 =
Negative edge (high to low transition) triggers input capture.
9.6
TIMER STATUS REGISTER (TSR)
The timer status register (TSR) shown in Figure 9-13 contains flags for the follow-
ing events:
•
An active signal on the PB0/TCAP pin, transferring the contents of the
timer registers to the input capture registers.
•
A match between the 16-bit counter and the output compare registers
•
An overflow of the timer registers from $FFFF to $0000.
Writing to any of the bits in the TSR has no effect. Reset does not change the
state of any of the flag bits in the TSR.
ICF - INPUT CAPTURE FLAG
The ICF bit is automatically set when an edge of the selected polarity occurs on
the PB0/TCAP pin. Clear the ICF bit by reading the timer status register with
the ICF set, and then reading the low byte (ICRL, $0015) of the input capture
registers. Reset has no effect on ICF.
OCF - OUTPUT COMPARE FLAG
The OCF bit is automatically set when the value of the timer registers matches
the contents of the output compare registers. Clear the OCF bit by reading the
timer status register with the OCF set, and then accessing the low byte (OCRL,
$0017) of the output compare registers. Reset has no effect on OCF.
OCF status will be latched to the output of OCMP (PC0 pin) if the OCMPO bit is
set to “1” (bit7 at $06).
TOF - TIMER OVERFLOW FLAG
The TOF bit is automatically set when the 16-bit timer counter rolls over from
$FFFF to $0000. Clear the TOF bit by reading the timer status register with the
TOF set, and then accessing the low byte (TMRL, $0019) of the timer registers.
Reset has no effect on TOF.
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
TSR
R
ICF
OCF
TOF
00000
$0013
W
reset:
U
U
U
00000
U = UNAFFECTED BY RESET
Figure 9-13. Timer Status Registers (TSR)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com