Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC705JB3 Datasheet(PDF) 51 Page - Freescale Semiconductor, Inc

Part # 68HC705JB3
Description  8-bit microcontroller units (MCUs)
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC705JB3 Datasheet(HTML) 51 Page - Freescale Semiconductor, Inc

Back Button 68HC705JB3 Datasheet HTML 47Page - Freescale Semiconductor, Inc 68HC705JB3 Datasheet HTML 48Page - Freescale Semiconductor, Inc 68HC705JB3 Datasheet HTML 49Page - Freescale Semiconductor, Inc 68HC705JB3 Datasheet HTML 50Page - Freescale Semiconductor, Inc 68HC705JB3 Datasheet HTML 51Page - Freescale Semiconductor, Inc 68HC705JB3 Datasheet HTML 52Page - Freescale Semiconductor, Inc 68HC705JB3 Datasheet HTML 53Page - Freescale Semiconductor, Inc 68HC705JB3 Datasheet HTML 54Page - Freescale Semiconductor, Inc 68HC705JB3 Datasheet HTML 55Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 134 page
background image
November 5, 1998
GENERAL RELEASE SPECIFICATION
MC68HC05JB3
INPUT/OUTPUT PORTS
MOTOROLA
REV 1
7-5
Figure 7-1. PB1 Slow Falling-edge Output
7.3
PORT-C
Port-C is a 4-bit bi-directional port. The Port-C data register is at $0002 and the
data direction register (DDRC) is at $0006. Reset does not affect the data regis-
ters, but clears the data direction registers, thereby returning the port pins to
inputs. Writing a ‘one’ to a DDR bit sets the corresponding port bit to output mode.
All Port-C pins have programmable pull-down resistors, and are only available on
the 28-pin version of the device.
PC0 is also used as the 16-timer OCMP output pin.
The table below summarizes the pin configurations for Port-A.
7.3.1 Port-C Data Register
7.3.2 Port-C Data Direction Register
PDRCx
DDRCx
Pin Configuration
0
0
Input with pull-down
0
1
Output Push-Pull
1
0
Input
1
1
Output Push-Pull
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
PORTC
R
PC3
PC2
PC1
PC0
$0002
W
reset:
00000000
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
DDRC
R
OCMPO
VROFF
DDRC3
DDRC2
DDRC1
DDRC0
$0006
W
reset:
00000000
50pF
5.0V
165ns
330ns
2.2V
Output Driver
0V
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com