Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC705JB3 Datasheet(PDF) 49 Page - Freescale Semiconductor, Inc

Part # 68HC705JB3
Description  8-bit microcontroller units (MCUs)
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC705JB3 Datasheet(HTML) 49 Page - Freescale Semiconductor, Inc

Back Button 68HC705JB3 Datasheet HTML 45Page - Freescale Semiconductor, Inc 68HC705JB3 Datasheet HTML 46Page - Freescale Semiconductor, Inc 68HC705JB3 Datasheet HTML 47Page - Freescale Semiconductor, Inc 68HC705JB3 Datasheet HTML 48Page - Freescale Semiconductor, Inc 68HC705JB3 Datasheet HTML 49Page - Freescale Semiconductor, Inc 68HC705JB3 Datasheet HTML 50Page - Freescale Semiconductor, Inc 68HC705JB3 Datasheet HTML 51Page - Freescale Semiconductor, Inc 68HC705JB3 Datasheet HTML 52Page - Freescale Semiconductor, Inc 68HC705JB3 Datasheet HTML 53Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 134 page
background image
November 5, 1998
GENERAL RELEASE SPECIFICATION
MC68HC05JB3
INPUT/OUTPUT PORTS
MOTOROLA
REV 1
7-3
7.1.5 PA0-PA7 Optical Interface
Port-A is programmable to use as ports for the optical interface.
See OPTICAL INTERFACE section for details.
7.2
PORT-B
Port-B is a 7-bit bi-directional port. The Port-B data register is at $0001 and the
data direction register (DDRB) is at $0005. Reset does not affect the data regis-
ters, but clears the data direction registers, thereby returning the port pins to
inputs. Writing a ‘one’ to a DDR bit sets the corresponding port bit to output mode.
PB4-PB7 are only available on the 28-pin version of the device.
All Port-B pins have programmable pull-down or pull-up resistors. PB1 and PB2
each has 25mA current sink capability.
PB0 is also used as the 16-timer TCAP input pin. When configured as output, the
input to the input capture will be permanently tied “low” and no input capture can
be generated.
The table below summarizes the pin configurations for Port-B.
7.2.1 Port-B Data Register
7.2.2 Port-B Data Direction Register
DDRBx — PBx Data Direction
1 =
Port pin set as output.
0 =
Port pin set as input.
PDRBx/PURBx
DDRBx
Pin Configuration
00
PB0, PB4-PB7: Input with pull-down
PB1, PB2: Input with pull-up
01
PB0, PB4-PB7: Output Push-Pull
PB1, PB2: Output Open-drain with pull-up
1
0
Input
11
PB0, PB4-PB7: Output Push-Pull
PB1, PB2: Output Open-drain
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
PORTB
R
PB7
PB6
PB5
PB4
0
PB2
PB1
PB0
$0001
W
reset:
00000000
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
DDRB
R
DDRB7
DDRB6
DDRB5
DDRB4
SLOWE
DDRB2
DDRB1
DDRB0
$0005
W
reset:
00000000
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com