Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD49335F Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # HD49335F
Description  CDS/PGA AND 10-bit A/D TG Converter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD49335F Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button HD49335F Datasheet HTML 6Page - Renesas Technology Corp HD49335F Datasheet HTML 7Page - Renesas Technology Corp HD49335F Datasheet HTML 8Page - Renesas Technology Corp HD49335F Datasheet HTML 9Page - Renesas Technology Corp HD49335F Datasheet HTML 10Page - Renesas Technology Corp HD49335F Datasheet HTML 11Page - Renesas Technology Corp HD49335F Datasheet HTML 12Page - Renesas Technology Corp HD49335F Datasheet HTML 13Page - Renesas Technology Corp HD49335F Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
HD49335F/HF
Rev.1.0, Feb.25.2004, page 10 of 29
Timing Chart
Figure 2 shows the timing chart when CDSIN and ADCIN input modes are used.
012
9
10
11
N+1
N+2
N+9
N+10
N+11
N
CDS_in
SP1
SP2
ADCLK
D0 to D9
N+2
N+8
N+9
N+10
N+11
N
−8
N
−9N−1
ADC_in
ADCLK
D0 to D9
N
N+1
N
N+1
N
−9N−8N−1
N
N
−10
• When CDS_in input mode is used
• When ADC_in input mode is used
~
Figure 2 Output Timing Chart when CDSIN and ADCIN Input Modes are Used
• The ADC output (D0 to D9) is output at the rising edge of the ADCLK in both modes.
• Pipe-line delay is ten clock cycles when CDSIN is used and nine when ADCIN is used.
• In ADCIN input mode, the input signal is sampled at the rising edge of the ADCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com