Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD49335F Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # HD49335F
Description  CDS/PGA AND 10-bit A/D TG Converter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD49335F Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button HD49335F Datasheet HTML 14Page - Renesas Technology Corp HD49335F Datasheet HTML 15Page - Renesas Technology Corp HD49335F Datasheet HTML 16Page - Renesas Technology Corp HD49335F Datasheet HTML 17Page - Renesas Technology Corp HD49335F Datasheet HTML 18Page - Renesas Technology Corp HD49335F Datasheet HTML 19Page - Renesas Technology Corp HD49335F Datasheet HTML 20Page - Renesas Technology Corp HD49335F Datasheet HTML 21Page - Renesas Technology Corp HD49335F Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
HD49335F/HF
Rev.1.0, Feb.25.2004, page 18 of 29
Explanation of Serial Data of CDS Part
Serial data of CDS part are assigned to address H’F0 to H’F8. Functions are follows.
Address
STD1[7:0] (L)
PGA gain
STD2[15:8] (H)
1
1
1
1
0
0
0
0
D7
D6
D5
D4
D3
D2
D1
D0 D15 D14 D13
test_I1
• PGA gain (D0 to D7 of address H’F0)
Details are referred to page 5 block diagram.
At CDS_in mode: –2.36 dB + 0.132 dB
× N (Log linear)
At ADC_in mode: 0.57 times + 0.01784 times
× N (Times linear)
∗: Full-scale digital output is defined as 0 dB when 1 V is input.
Above PGA gain definition means input signal 1 Vp-p to CDS_in, and set N = 18 (correspond 2.36 dB), and then
PGA outputs the 2 V full-range, and also ADC out puts the full code (1023).
This mean offset gain of PGA has 6 dB – 2.36 dB = 3.64 dB, therefore it should be decided that how much dB add
on.
(1) Level dia explain
CDS
PGA
0 dB when set N = 18 which correspond to 2.36 dB
ADC
(2) Level dia on the circuit
CDS
PGA
3.64 dB + 0.132 dB
× N
(CDS = 0 dB)
ADC
2 V
1023
(1.0 V)
(1.0 V)
(2.0 V)
(1023)
Figure 9 Level Dia of PGA
• Test_I1 (D13 to D15 of address H’F0)
It controls the standard current of analog amplifier systems of CDS, PGA. Use data = 4 (D15 = 1) normally.
When data = 0, 50% current value with default
When data = 4, default
When data = 7, 150% current value with default
Address
STD1[7:0] (L)
STD2[15:8] (H)
1
1
1
1
0
0
0
1
D4
D3
D2
D1
D0 D15 D14 D13 D12 D11 D10 D9
D8
SHA_fsel
test_I2
SHSW_fsel
• SLP and STBY (D0, D1 of address H’F1)
SLP:
Stop the all circuit. Consumption current of CDS part is less than 10
µA.
Start up from offset calibration when recover is needed.
STBY: Only the standard voltage generating circuit is operated. Consumption current of CDS part is about 3 mA.
Allow 50 H time for feedback clamp is stabilized until recover.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com