Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD49335F Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # HD49335F
Description  CDS/PGA AND 10-bit A/D TG Converter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD49335F Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button HD49335F Datasheet HTML 12Page - Renesas Technology Corp HD49335F Datasheet HTML 13Page - Renesas Technology Corp HD49335F Datasheet HTML 14Page - Renesas Technology Corp HD49335F Datasheet HTML 15Page - Renesas Technology Corp HD49335F Datasheet HTML 16Page - Renesas Technology Corp HD49335F Datasheet HTML 17Page - Renesas Technology Corp HD49335F Datasheet HTML 18Page - Renesas Technology Corp HD49335F Datasheet HTML 19Page - Renesas Technology Corp HD49335F Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
HD49335F/HF
Rev.1.0, Feb.25.2004, page 16 of 29
Electrical Characteristics (cont.)
(Unless othewide specified, Ta = 25°C, AVDD = 3.0 V, DVDD = 3.0 V, and RBIAS = 33 kΩ)
• Items for ADCIN Input Mode
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Remarks
Consumption current (3)
IDD3
—
32
38.4
mA
fCLK = 36 MHz
ADCIN mode
LoPwr = low
Consumption current (4)
IDD4
—
22
27.5
mA
fCLK = 25 MHz
ADCIN mode
LoPwr = high
Timing specifications (14)
tADC1
—
(6)
—
ns
Timing specifications (15)
tADC2
Typ
× 0.85 1/2f
ADCLK
Typ
× 1.15 ns
Timing specifications (16)
tADC3
Typ
× 0.85 1/2f
ADCLK
Typ
× 1.15 ns
Timing specifications (17)
tAHLD4
—
(14.5)
—
ns
CL = 10 pF
Timing specifications (18)
tAOD5
—
(23.5)
—
ns
CL = 10 pF
Refer to table 9
Input current at ADC input
IINCIN
–110
—
110
µA
VIN = 1.0 to 2.0 V
Clamp level at ADC input
OF2
—
(512)
—
LSB
GSL(0)
0.45
0.57
0.72
Times
GSL(63)
1.36
1.71
2.16
Times
GSL(127)
2.27
2.86
3.60
Times
GSL(191)
3.18
4.00
5.04
Times
PGA gain at ADC input
GSL(255)
4.08
5.14
6.47
Times
Note : Values within parentheses ( ) are for reference.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com