Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD49335F Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # HD49335F
Description  CDS/PGA AND 10-bit A/D TG Converter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD49335F Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button HD49335F Datasheet HTML 10Page - Renesas Technology Corp HD49335F Datasheet HTML 11Page - Renesas Technology Corp HD49335F Datasheet HTML 12Page - Renesas Technology Corp HD49335F Datasheet HTML 13Page - Renesas Technology Corp HD49335F Datasheet HTML 14Page - Renesas Technology Corp HD49335F Datasheet HTML 15Page - Renesas Technology Corp HD49335F Datasheet HTML 16Page - Renesas Technology Corp HD49335F Datasheet HTML 17Page - Renesas Technology Corp HD49335F Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
HD49335F/HF
Rev.1.0, Feb.25.2004, page 14 of 29
Absolute Maximum Ratings
(Ta = 25
°C)
Item
Symbol
Ratings
Unit
Power supply voltage
VDD
4.1
V
Analog input voltage
VIN
–0.3 to AVDD +0.3
V
Digital input voltage
VI
–0.3 to DVDD +0.3
V
Operating temperature range
Ta
–20 to +85
°C
Power dissipation
Pt
590
mW
Storage temperature
Tstg
–55 to +125
°C
Power supply voltage
Vopr
2.70 to 3.30
V
Note:
AVDD, AVSS are analog power source systems of CDS, PGA, and ADC.
DVDD1, DVSS1 are digital power source systems of CDS, PGA and ADC.
DVDD2, DVSS2 are buffer power source systems of ADC output.
DVDD3, DVSS3 are general digital power source systems of TG.
DVDD4, DVSS4 are buffer power source systems of H1 and H2.
• Pin 2 multi bonds the DV
SS1 and DVSS2
• When pin 64 is set to Low, pin 41 = STROB output, pin 39 = SUB_SW output
When Hi, pin 41 = Vgate input, pin 39 = ADCK input
Electrical Characteristics
(Unless othewide specified, Ta = 25°C, AVDD = 3.0 V, DVDD = 3.0 V, and RBIAS = 33 kΩ)
• Items Common to CDSIN and ADCIN Input Modes
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Remarks
Power supply voltage
range
VDD
2.70
3.00
3.30
V
fCLK hi
20
—
36
MHz
LoPwr = low *
2
HD49335HF
Conversion frequency
fCLK low
5.5
—
25
MHz
LoPwr = high *
2
HD49335F
VIH2
DVDD
3.0
2.25
×
—
DVDD
V
Digital input voltage
VIL2
0
—
DVDD
3.0
0.6
×
V
CS, SCK, SDATA
VOH
DVDD –0.5
—
—
V
IOH = –1 mA
Digital output voltage
VOL
—
—
0.5
V
IOL = +1 mA
IIH
—
—
50
µA
VIH = 3.0 V
Digital input current
IIL
–50
—
—
µA
VIL = 0 V
ADC resolution
RES
10
10
10
bit
ADC integral linearity
INL
—
(2)
—
LSBp-p
fCLK = 25 MHz
ADC differential linearity+
DNL+
—
0.3
0.99
LSB
fCLK = 25 MHz
*1
ADC differential linearity–
DNL–
–0.99
–0.3
—
LSB
fCLK = 25 MHz
*1
Sleep current
ISLP
–100
0
100
µA
Digital input pin is
set to 0 V, output
pin is open
Standby current
ISTBY
—
3
5
mA
Digital I/O pin is set
to 0 V
Notes: 1. Differential linearity is the calculated difference in linearity errors between adjacent codes.
2. 2 divided mode: fCLK = 1/2CLK_in
3 divided mode: fCLK = 1/3CLK_in
3. Values within parentheses ( ) are for reference.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com