Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD49335F Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # HD49335F
Description  CDS/PGA AND 10-bit A/D TG Converter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD49335F Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button HD49335F Datasheet HTML 16Page - Renesas Technology Corp HD49335F Datasheet HTML 17Page - Renesas Technology Corp HD49335F Datasheet HTML 18Page - Renesas Technology Corp HD49335F Datasheet HTML 19Page - Renesas Technology Corp HD49335F Datasheet HTML 20Page - Renesas Technology Corp HD49335F Datasheet HTML 21Page - Renesas Technology Corp HD49335F Datasheet HTML 22Page - Renesas Technology Corp HD49335F Datasheet HTML 23Page - Renesas Technology Corp HD49335F Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
HD49335F/HF
Rev.1.0, Feb.25.2004, page 20 of 29
Address
STD1[7:0] (L)
STD2[15:8] (H)
11110100
D4
D3
D2
D7
D6
D5
D1
D0
D12 D11 D10 D9
D8
Gray_test
VD latch
MON
Gray code
H12_Buff
• MON (D0 to D2 of address H’F4)
Select the pulse which output to pin MON (pin 60).
When D0 to D2: 0, Fix to Low
When 1, ADCLK
When 2, SP1
When 3, SP2
When 4, OBP
When 5, PBLK
When 6, CPDM
When 7, DLL_test
• H12Baff (D3 to D6 of address H’F4)
Select the buffer size which output to pin H1A, H2A (pin 22, 26).
D3: 2 mA buffer
D4: 4 mA buffer
D5: 10 mA buffer
D6: 14 mA buffer
Above data can be on/off individually. Default is D6 can be on only. (18 mA buffer)
• VD latch (D7 of address H’F4)
Data = 0: Gain data is determined when CS rising
Data = 1: Gain data is determined when VD falling
Differential Code and Gray Code (D8 to D12 of address H’F4)
• Gray code (D8 to D9 of address H’F4)
DC output code can be change to following type.
Gray Code [1]
Gray Code [0]
Output Code
0
0
Binary code
0
1
Gray code
1
0
Differential encoded binary
1
1
Differential encoded gray
• Serial data setting items (D10 to D12 of address H’F4)
Setting Bit
Setting Contents
Gray_test[0]
Gray_test[1]
Standard data output timing control signal
(Refer to the following table)
Gray_test[2]
ADCLK polar with OBP. (Lo
→Positive edge, HI→Negative edge)
• Standard data output timing
Gray_test[1]
Gray_test[0]
Standard Data Output Timing
Low
Low
Third and fourth
Low
High
Fourth and fifth
High
Low
Fifth and sixth
High
High
Sixth and seventh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com