Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD49335F Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # HD49335F
Description  CDS/PGA AND 10-bit A/D TG Converter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD49335F Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button HD49335F Datasheet HTML 17Page - Renesas Technology Corp HD49335F Datasheet HTML 18Page - Renesas Technology Corp HD49335F Datasheet HTML 19Page - Renesas Technology Corp HD49335F Datasheet HTML 20Page - Renesas Technology Corp HD49335F Datasheet HTML 21Page - Renesas Technology Corp HD49335F Datasheet HTML 22Page - Renesas Technology Corp HD49335F Datasheet HTML 23Page - Renesas Technology Corp HD49335F Datasheet HTML 24Page - Renesas Technology Corp HD49335F Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
HD49335F/HF
Rev.1.0, Feb.25.2004, page 21 of 29
Ripple (pseudo outline made by quantized error) occurres on the point which swithing the ADC output multiple bit in
parallel. When switching the several of ADC output at the same time, ripple (pseudo outline caused by miss
quantization) occurs to the image.
Differential code and gray code are recommended for this countermeasure.
Figure 10 indicates circuit block. When luminance signal changes are smoothly, the number of bit of switching digital
output bit can be reduced and easily to reduce the ripple using this function.
This function is especially effective for longer the settings of sensor more than clk = 30 kHz, and ADC output.
Figure 11 indicates the timing specifications.
ADC
10
Differential SW(D9)
Carry bit
round
+
−
Gray SW(D8)
Standard data
control signal
(D12,D11,D10)
Standard
data
selector
10-bit
output
2clk_DL
Gray
→Binary
conversion
Figure 10 Differential Code, Gray Code Circuit
1
ADCLK
OBP
Digital output
(Beginning edge of OBP and standard edge of ADCLK should be exept ±5 ns)
(In case of select the positive edge of ADCLK with D12)
(In case of select the positive polar)
Differential data
Standard
data
Differential data
23456789
10
11
Figure 11 Differential Code Timing Specifications
To use differential code, complex circuit is necessary at DSP side.
(1) Differential coded
From ADC
Standard data
control signal
Carry bit
round
2clk_DL
Standard
data
selector
D11
D11
D10
D9
D0
D10
D9
D0
Gray
→
Binary
(2) Gray
→ Binary conversion
Figure 12 Complex Circuit Example
Address
STD1[7:0] (L)
STD2[15:8] (H)
11110101
D4
D3
D2
D7
D6
D5
D1
D0
D12 D11 D10 D9
D8
P_SP1
P_SP2
P_ADCLK
P_RG
DLL
steps
DLL
current
2,3 divided
select
Address
STD1[7:0] (L)
STD2[15:8] (H)
11111000
D4
D2
D6
D5
D1
D0
D12
D10
D15 D14 D13
D9
D8
P_SP2
P_SP1
P_ADCLK
P_RG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com