Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD49335F Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HD49335F
Description  CDS/PGA AND 10-bit A/D TG Converter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD49335F Datasheet(HTML) 1 Page - Renesas Technology Corp

  HD49335F Datasheet HTML 1Page - Renesas Technology Corp HD49335F Datasheet HTML 2Page - Renesas Technology Corp HD49335F Datasheet HTML 3Page - Renesas Technology Corp HD49335F Datasheet HTML 4Page - Renesas Technology Corp HD49335F Datasheet HTML 5Page - Renesas Technology Corp HD49335F Datasheet HTML 6Page - Renesas Technology Corp HD49335F Datasheet HTML 7Page - Renesas Technology Corp HD49335F Datasheet HTML 8Page - Renesas Technology Corp HD49335F Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
Rev.1.0, Feb.25.2004, page 1 of 29
HD49335F/HF
CDS/PGA & 10-bit A/D TG Converter
REJ03F0100-0100Z
Rev.1.0
Feb.25.2004
Description
The HD49335F/HF is a CMOS IC that provides CDS-PGA analog processing (CDS/PGA) suitable for CCD camera
digital signal processing systems together with a 10-bit A/D converter and timing generator in a single chip.
There are address map and timing generator charts besides this specification. May be contacted to our sales department
if examining the details.
Functions
• Correlated double sampling
• PGA
• Serial interface control
• 10-bit ADC
• Timing generator
• Operates using only the 3 V voltage
• Corresponds to switching mode of power dissipation and operating frequency
Power dissipation: 220 mW (Typ), maximum frequency: 36 MHz (HD49335HF)
Power dissipation: 150 mW (Typ), maximum frequency: 25 MHz (HD49335F)
• ADC direct input mode
• QFP 64-pin package
Features
• Suppresses low-frequency noise, which output from CCD by the correlated double sampling.
• The S/H response frequency characteristics for the reference level can be adjusted using values of external parts and
registers.
• High sensitivity is achieved due to the high S/N ratio and a wide dynamic range provided by a PG amplifier.
• PGA, pulse timing, standby mode, etc., is achieved via a serial interface.
• High precision is provided by a 10-bit-resolution A/D converter.
• Difference encoded gray code can be selected as an A/D output code. It is effective in suppression of solarization
(wave pattern). It is patented by Renesas.
• Timing generator generates the all of pulse which are needed for CCD driving.


Similar Part No. - HD49335F

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD49335F RENESAS-HD49335F_15 Datasheet
354Kb / 32P
CDS/PGA & 10-bit A/D TG Converter
More results

Similar Description - HD49335F

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD49334AF RENESAS-HD49334AF Datasheet
242Kb / 23P
CDS/PGA & 10-bit A/D Converter
HD49351BP RENESAS-HD49351BP Datasheet
331Kb / 29P
CDS/PGA & 10-bit A/D TG Converter
HD49334ANP RENESAS-HD49334ANP Datasheet
240Kb / 22P
CDS/PGA & 10-bit A/D Converter
HD49340F RENESAS-HD49340F Datasheet
240Kb / 23P
CDS/PGA & 10-bit A/D Converter
HD49340NP RENESAS-HD49340NP Datasheet
232Kb / 22P
CDS/PGA & 10-bit A/D Converter
HD49335NP RENESAS-HD49335NP Datasheet
318Kb / 30P
CDS/PGA & 10-bit A/D TG Converter
HD49335F RENESAS-HD49335F_15 Datasheet
354Kb / 32P
CDS/PGA & 10-bit A/D TG Converter
HD49335NPHNP RENESAS-HD49335NPHNP_15 Datasheet
352Kb / 32P
CDS/PGA & 10-bit A/D TG Converter
HD49340F RENESAS-HD49340F_15 Datasheet
271Kb / 25P
CDS/PGA & 10-bit A/D Converter
HD49351BP RENESAS-HD49351BP_15 Datasheet
366Kb / 31P
CDS/PGA & 10-bit A/D TG Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com