Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEMIXQFN Datasheet(PDF) 3 Page - Nexperia B.V. All rights reserved

Part # PEMIXQFN
Description  Integrated 1-, 2-, 4-, 6- and 8-channel passive filter network with ESD protection
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PEMIXQFN Datasheet(HTML) 3 Page - Nexperia B.V. All rights reserved

  PEMIXQFN Datasheet HTML 1Page - Nexperia B.V. All rights reserved PEMIXQFN Datasheet HTML 2Page - Nexperia B.V. All rights reserved PEMIXQFN Datasheet HTML 3Page - Nexperia B.V. All rights reserved PEMIXQFN Datasheet HTML 4Page - Nexperia B.V. All rights reserved PEMIXQFN Datasheet HTML 5Page - Nexperia B.V. All rights reserved PEMIXQFN Datasheet HTML 6Page - Nexperia B.V. All rights reserved PEMIXQFN Datasheet HTML 7Page - Nexperia B.V. All rights reserved PEMIXQFN Datasheet HTML 8Page - Nexperia B.V. All rights reserved PEMIXQFN Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
PEMIXQFN_PEMI2STD_FAM
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 2 — 3 November 2011
2 of 29
NXP Semiconductors
PEMIxQFN; PEMI2STD family
1-, 2-, 4-, 6- and 8-channel passive filter network with ESD protection
1.4 Quick reference data
2.
Pinning information
Table 2.
Quick reference data
Symbol
Parameter
Conditions
Typ
Unit
Rs(ch)
channel series resistance
PEMIxxxx/Cx
20
PEMIxxxx/Hx
45
PEMIxxxx/Lx
65
PEMIxxxx/Rx
100
PEMIxxxx/Wx
200
Cch
channel capacitance
for the total channel;
f=100kHz; Vbias(DC) =0V
PEMIxxxx/xE
15
pF
PEMIxxxx/xG
19
pF
PEMIxxxx/xK
23
pF
PEMIxxxx/xM
28
pF
PEMIxxxx/xP
32
pF
PEMIxxxx/xR
36
pF
PEMIxxxx/xT
40
pF
Table 3.
Pinning
Pin
Description
Simplified outline
Graphic symbol
PEMI1QFN (SOT883)
1 and 2
filter channel
3
ground (GND)
PEMI2QFN (SOT886)
1 and 6
filter channel 1
2 and 5
ground (GND)
3 and 4
filter channel 2
3
1
2
Transparent
top view
018aaa042
Rs(ch)
Cch
2
3
1
2
Cch
2
Transparent
top view
4
5
6
3
2
1
018aaa044
Rs(ch)
Cch
4,6
2,5
1,3
2
Cch
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com