Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEMIXQFN Datasheet(PDF) 8 Page - Nexperia B.V. All rights reserved

Part # PEMIXQFN
Description  Integrated 1-, 2-, 4-, 6- and 8-channel passive filter network with ESD protection
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PEMIXQFN Datasheet(HTML) 8 Page - Nexperia B.V. All rights reserved

Back Button PEMIXQFN Datasheet HTML 4Page - Nexperia B.V. All rights reserved PEMIXQFN Datasheet HTML 5Page - Nexperia B.V. All rights reserved PEMIXQFN Datasheet HTML 6Page - Nexperia B.V. All rights reserved PEMIXQFN Datasheet HTML 7Page - Nexperia B.V. All rights reserved PEMIXQFN Datasheet HTML 8Page - Nexperia B.V. All rights reserved PEMIXQFN Datasheet HTML 9Page - Nexperia B.V. All rights reserved PEMIXQFN Datasheet HTML 10Page - Nexperia B.V. All rights reserved PEMIXQFN Datasheet HTML 11Page - Nexperia B.V. All rights reserved PEMIXQFN Datasheet HTML 12Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
PEMIXQFN_PEMI2STD_FAM
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 2 — 3 November 2011
7 of 29
NXP Semiconductors
PEMIxQFN; PEMI2STD family
1-, 2-, 4-, 6- and 8-channel passive filter network with ESD protection
il
insertion loss
Cch =23 pF
PEMIxxxx/CK
Rs(ch) =20 
800 MHz <f<3GHz
10
-
-
dB
f=3.6GHz
-
33
-
dB
PEMIxxxx/HK
Rs(ch) =45 
800 MHz <f<3GHz
13
-
-
dB
f=2.8GHz
-
34
-
dB
PEMIxxxx/LK
Rs(ch) =65 
800 MHz <f<3GHz
15
-
-
dB
f=2.5GHz
-
35
-
dB
PEMIxxxx/RK
Rs(ch) = 100 
800 MHz <f<3GHz
18
-
-
dB
f=2.1GHz
-
36
-
dB
PEMIxxxx/WK
Rs(ch) = 200 
800 MHz <f<3GHz
24
-
-
dB
f=1.6GHz
-
37
-
dB
il
insertion loss
Cch =28 pF
PEMIxxxx/CM
Rs(ch) =20 
800 MHz <f<3GHz
12
-
-
dB
f=3.2GHz
-
34
-
dB
PEMIxxxx/HM
Rs(ch) =45 
800 MHz <f<3GHz
15
-
-
dB
f=2.5GHz
-
35
-
dB
PEMIxxxx/LM
Rs(ch) =65 
800 MHz <f<3GHz
17
-
-
dB
f=2.1GHz
-
36
-
dB
PEMIxxxx/RM
Rs(ch) = 100 
800 MHz <f<3GHz
21
-
-
dB
f=1.8GHz
-
37
-
dB
PEMIxxxx/WM
Rs(ch) = 200 
800 MHz <f<3GHz
27
-
-
dB
f=1.4GHz
-
38
-
dB
Table 7.
Frequency characteristics …continued
Tamb =25 C; unless otherwise specified; Rsource =50 ; RL =50 .
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com