Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEMIXQFN Datasheet(PDF) 30 Page - Nexperia B.V. All rights reserved

Part # PEMIXQFN
Description  Integrated 1-, 2-, 4-, 6- and 8-channel passive filter network with ESD protection
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PEMIXQFN Datasheet(HTML) 30 Page - Nexperia B.V. All rights reserved

Back Button PEMIXQFN Datasheet HTML 22Page - Nexperia B.V. All rights reserved PEMIXQFN Datasheet HTML 23Page - Nexperia B.V. All rights reserved PEMIXQFN Datasheet HTML 24Page - Nexperia B.V. All rights reserved PEMIXQFN Datasheet HTML 25Page - Nexperia B.V. All rights reserved PEMIXQFN Datasheet HTML 26Page - Nexperia B.V. All rights reserved PEMIXQFN Datasheet HTML 27Page - Nexperia B.V. All rights reserved PEMIXQFN Datasheet HTML 28Page - Nexperia B.V. All rights reserved PEMIXQFN Datasheet HTML 29Page - Nexperia B.V. All rights reserved PEMIXQFN Datasheet HTML 30Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 30 / 30 page
background image
NXP Semiconductors
PEMIxQFN; PEMI2STD family
1-, 2-, 4-, 6- and 8-channel passive filter network with ESD protection
© NXP B.V. 2011.
All rights reserved.
For more information, please visit: http://www.nxp.com
For sales office addresses, please send an email to: salesaddresses@nxp.com
Date of release: 3 November 2011
Document identifier: PEMIXQFN_PEMI2STD_FAM
Please be aware that important notices concerning this document and the product(s)
described herein, have been included in section ‘Legal information’.
13. Contents
1
Product profile . . . . . . . . . . . . . . . . . . . . . . . . . . 1
1.1
General description . . . . . . . . . . . . . . . . . . . . . 1
1.2
Features and benefits . . . . . . . . . . . . . . . . . . . . 1
1.3
Applications . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
1.4
Quick reference data . . . . . . . . . . . . . . . . . . . . 2
2
Pinning information . . . . . . . . . . . . . . . . . . . . . . 2
3
Ordering information . . . . . . . . . . . . . . . . . . . . . 4
4
Limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 4
5
Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . 5
6
Application information. . . . . . . . . . . . . . . . . . . 9
6.1
Use cases . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
6.2
LCD interfaces, medium-speed interfaces . . . . 9
6.3
Keypad, low-speed interfaces. . . . . . . . . . . . . . 9
6.4
Insertion loss . . . . . . . . . . . . . . . . . . . . . . . . . 10
6.4.1
Relative -3dB frequency (p-filter structure) . . . 12
6.4.2
Insertion loss (dB) at 800 MHz (p-filter
structure) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
6.4.3
Insertion loss (dB) at frequencies lower than
1 MHz (p-filter structure) . . . . . . . . . . . . . . . . . 13
7
Marking . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
8
Package outline . . . . . . . . . . . . . . . . . . . . . . . . 15
9
Soldering . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21
10
Revision history . . . . . . . . . . . . . . . . . . . . . . . . 26
11
Legal information. . . . . . . . . . . . . . . . . . . . . . . 27
11.1
Data sheet status . . . . . . . . . . . . . . . . . . . . . . 27
11.2
Definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 27
11.3
Disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . 27
11.4
Trademarks. . . . . . . . . . . . . . . . . . . . . . . . . . . 28
12
Contact information. . . . . . . . . . . . . . . . . . . . . 28
13
Contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com