Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEMIXQFN Datasheet(PDF) 10 Page - Nexperia B.V. All rights reserved

Part # PEMIXQFN
Description  Integrated 1-, 2-, 4-, 6- and 8-channel passive filter network with ESD protection
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PEMIXQFN Datasheet(HTML) 10 Page - Nexperia B.V. All rights reserved

Back Button PEMIXQFN Datasheet HTML 6Page - Nexperia B.V. All rights reserved PEMIXQFN Datasheet HTML 7Page - Nexperia B.V. All rights reserved PEMIXQFN Datasheet HTML 8Page - Nexperia B.V. All rights reserved PEMIXQFN Datasheet HTML 9Page - Nexperia B.V. All rights reserved PEMIXQFN Datasheet HTML 10Page - Nexperia B.V. All rights reserved PEMIXQFN Datasheet HTML 11Page - Nexperia B.V. All rights reserved PEMIXQFN Datasheet HTML 12Page - Nexperia B.V. All rights reserved PEMIXQFN Datasheet HTML 13Page - Nexperia B.V. All rights reserved PEMIXQFN Datasheet HTML 14Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
PEMIXQFN_PEMI2STD_FAM
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 2 — 3 November 2011
9 of 29
NXP Semiconductors
PEMIxQFN; PEMI2STD family
1-, 2-, 4-, 6- and 8-channel passive filter network with ESD protection
6.
Application information
6.1 Use cases
The selection of one of the filter devices has to be performed in dependence of the
maximum clock frequency, the driver strength, the capacitive load of the sink and the
maximum applicable rise and fall times.
6.2 LCD interfaces, medium-speed interfaces
For digital interfaces such as Liquid Crystal Display (LCD) interfaces running at clock
speeds between 10 MHz and 25 MHz or more, the devices can be used in dependence of
the sink load, the clock speed, the driver strength and the rise and fall time requirements.
The minimum EMI filter requirements may be an important factor, too.
6.3 Keypad, low-speed interfaces
Especially for lower-speed interfaces such as keypads, low-speed serial interfaces and
low-speed control signals, the devices offer a very robust ESD protection and strong
suppression of unwanted frequencies (EMI filtering). Due to their small size the devices
can easily be spread on a Printed-Circuit Board (PCB) in order to move the ESD and EMI
protection close to the part of the design which shall be protected.
il
insertion loss
Cch =40 pF
PEMIxxxx/CT
Rs(ch) =20 
800 MHz <f<3GHz
16
-
-
dB
f=2.5GHz
-
36
-
dB
PEMIxxxx/HT
Rs(ch) =45 
800 MHz <f<3GHz
20
-
-
dB
f=1.9GHz
-
38
-
dB
PEMIxxxx/LT
Rs(ch) =65 
800 MHz <f<3GHz
23
-
-
dB
f=1.6GHz
-
39
-
dB
PEMIxxxx/RT
Rs(ch) = 100 
800 MHz <f<3GHz
27
-
-
dB
f=1.4GHz
-
40
-
dB
PEMIxxxx/WT
Rs(ch) = 200 
800 MHz <f<3GHz
32
-
-
dB
f=1.0GHz
-
41
-
dB
Table 7.
Frequency characteristics …continued
Tamb =25 C; unless otherwise specified; Rsource =50 ; RL =50 .
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com