Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEMIXQFN Datasheet(PDF) 11 Page - Nexperia B.V. All rights reserved

Part # PEMIXQFN
Description  Integrated 1-, 2-, 4-, 6- and 8-channel passive filter network with ESD protection
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PEMIXQFN Datasheet(HTML) 11 Page - Nexperia B.V. All rights reserved

Back Button PEMIXQFN Datasheet HTML 7Page - Nexperia B.V. All rights reserved PEMIXQFN Datasheet HTML 8Page - Nexperia B.V. All rights reserved PEMIXQFN Datasheet HTML 9Page - Nexperia B.V. All rights reserved PEMIXQFN Datasheet HTML 10Page - Nexperia B.V. All rights reserved PEMIXQFN Datasheet HTML 11Page - Nexperia B.V. All rights reserved PEMIXQFN Datasheet HTML 12Page - Nexperia B.V. All rights reserved PEMIXQFN Datasheet HTML 13Page - Nexperia B.V. All rights reserved PEMIXQFN Datasheet HTML 14Page - Nexperia B.V. All rights reserved PEMIXQFN Datasheet HTML 15Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
PEMIXQFN_PEMI2STD_FAM
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 2 — 3 November 2011
10 of 29
NXP Semiconductors
PEMIxQFN; PEMI2STD family
1-, 2-, 4-, 6- and 8-channel passive filter network with ESD protection
6.4 Insertion loss
The devices are designed as EMI/RFI filters for multichannel interfaces.
All measurements were performed in a typical 50
 NetWork Analyzer (NWA) setup as
shown in Figure 1. The insertion loss was measured with a test Printed-Circuit
Board (PCB) utilizing laser-drilled micro-via holes which connect the PCB ground plane to
the devices ground pins.
Fig 1.
Frequency response setup
018aaa074
50
Ω
Vgen
50
Ω
DUT
OUT
IN
Rs(ch) =20 
(1) PEMIxxxx/CE
(2) PEMIxxxx/CG
(3) PEMIxxxx/CK
(4) PEMIxxxx/CM
(5) PEMIxxxx/CP
(6) PEMIxxxx/CR
(7) PEMIxxxx/CT
Rs(ch) =45 
(1) PEMIxxxx/HE
(2) PEMIxxxx/HG
(3) PEMIxxxx/HK
(4) PEMIxxxx/HM
(5) PEMIxxxx/HP
(6) PEMIxxxx/HR
(7) PEMIxxxx/HT
Fig 2.
PEMIxxxx/Cx: Frequency response curves
Fig 3.
PEMIxxxx/Hx: Frequency response curves
018aaa161
–30
–20
–40
–10
0
S21
(dB)
–50
f (MHz)
1104
103
10
102
(1)
(2)
(3)
(4)
(5)
(6)
(7)
018aaa162
–30
–20
–40
–10
0
S21
(dB)
–50
f (MHz)
1104
103
10
102
(1)
(2)
(3)
(4)
(5)
(6)
(7)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com