Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEMIXQFN Datasheet(PDF) 5 Page - Nexperia B.V. All rights reserved

Part # PEMIXQFN
Description  Integrated 1-, 2-, 4-, 6- and 8-channel passive filter network with ESD protection
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PEMIXQFN Datasheet(HTML) 5 Page - Nexperia B.V. All rights reserved

  PEMIXQFN Datasheet HTML 1Page - Nexperia B.V. All rights reserved PEMIXQFN Datasheet HTML 2Page - Nexperia B.V. All rights reserved PEMIXQFN Datasheet HTML 3Page - Nexperia B.V. All rights reserved PEMIXQFN Datasheet HTML 4Page - Nexperia B.V. All rights reserved PEMIXQFN Datasheet HTML 5Page - Nexperia B.V. All rights reserved PEMIXQFN Datasheet HTML 6Page - Nexperia B.V. All rights reserved PEMIXQFN Datasheet HTML 7Page - Nexperia B.V. All rights reserved PEMIXQFN Datasheet HTML 8Page - Nexperia B.V. All rights reserved PEMIXQFN Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
PEMIXQFN_PEMI2STD_FAM
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 2 — 3 November 2011
4 of 29
NXP Semiconductors
PEMIxQFN; PEMI2STD family
1-, 2-, 4-, 6- and 8-channel passive filter network with ESD protection
3.
Ordering information
4.
Limiting values
Table 4.
Ordering information
Type number
Package
Name
Description
Version
PEMI1QFN
SC-101
leadless ultra small plastic package; 3 solder lands; body 1.0
 0.6  0.5 mm
SOT883
PEMI2QFN
XSON6
plastic extremely thin small outline package; no leads; 6 terminals;
body 1
 1.45  0.5 mm
SOT886
PEMI2STD
-
plastic surface-mounted package; 5 leads
SOT665
PEMI4QFN
HXSON8
plastic thermal enhanced extremely thin small outline package; no leads;
8 terminals; body 1.2
 1.7  0.5 mm
SOT1157-1
PEMI6QFN
HXSON12 plastic thermal enhanced extremely thin small outline package; no leads;
12 terminals; body 1.2
 2.5  0.5 mm
SOT1158-1
PEMI8QFN
HXSON16 plastic thermal enhanced extremely thin small outline package; no leads;
16 terminals; body 1.2
 3.3  0.5 mm
SOT1159-1
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
0.5
+5.6
V
VESD
electrostatic discharge
voltage
IEC 61000-4-2, level 4
all pins to ground
contact discharge
-
15
kV
air discharge
-
15
kV
PEMIxxxx/xM;
PEMIxxxx/xP
contact discharge
-
20
kV
air discharge
-
20
kV
PEMIxxxx/xR;
PEMIxxxx/xT
contact discharge
-
25
kV
air discharge
-
25
kV
Pch
channel power dissipation continuous power;
Tamb =85 C
-60
mW
Ptot
total power dissipation
continuous power;
Tamb =85 C
-120
mW
Tstg
storage temperature
55
+150
C
Tamb
ambient temperature
40
+85
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com