Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEMIXQFN Datasheet(PDF) 16 Page - Nexperia B.V. All rights reserved

Part # PEMIXQFN
Description  Integrated 1-, 2-, 4-, 6- and 8-channel passive filter network with ESD protection
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PEMIXQFN Datasheet(HTML) 16 Page - Nexperia B.V. All rights reserved

Back Button PEMIXQFN Datasheet HTML 12Page - Nexperia B.V. All rights reserved PEMIXQFN Datasheet HTML 13Page - Nexperia B.V. All rights reserved PEMIXQFN Datasheet HTML 14Page - Nexperia B.V. All rights reserved PEMIXQFN Datasheet HTML 15Page - Nexperia B.V. All rights reserved PEMIXQFN Datasheet HTML 16Page - Nexperia B.V. All rights reserved PEMIXQFN Datasheet HTML 17Page - Nexperia B.V. All rights reserved PEMIXQFN Datasheet HTML 18Page - Nexperia B.V. All rights reserved PEMIXQFN Datasheet HTML 19Page - Nexperia B.V. All rights reserved PEMIXQFN Datasheet HTML 20Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
PEMIXQFN_PEMI2STD_FAM
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 2 — 3 November 2011
15 of 29
NXP Semiconductors
PEMIxQFN; PEMI2STD family
1-, 2-, 4-, 6- and 8-channel passive filter network with ESD protection
8.
Package outline
Fig 7.
Package outline PEMI1QFN (SOT883/SC-101)
UNIT
A1
max.
A(1)
bb1
e1
eL
L1
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
0.50
0.46
0.20
0.12
0.55
0.47
0.03
0.62
0.55
0.35
0.65
DIMENSIONS (mm are the original dimensions)
Note
1. Including plating thickness
0.30
0.22
0.30
0.22
SOT883
SC-101
03-02-05
03-04-03
DE
1.02
0.95
L
E
2
3
1
b
b1
A1
A
D
L1
0
0.5
1 mm
scale
Leadless ultra small plastic package; 3 solder lands; body 1.0 x 0.6 x 0.5 mm
SOT883
e
e1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com