Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDA3100AIP3AX Datasheet(PDF) 16 Page - Advanced Micro Devices

Part # SDA3100AIP3AX
Description  AMD Athlon 64 Processor Power and Thermal Data Sheet
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SDA3100AIP3AX Datasheet(HTML) 16 Page - Advanced Micro Devices

Back Button SDA3100AIP3AX Datasheet HTML 12Page - Advanced Micro Devices SDA3100AIP3AX Datasheet HTML 13Page - Advanced Micro Devices SDA3100AIP3AX Datasheet HTML 14Page - Advanced Micro Devices SDA3100AIP3AX Datasheet HTML 15Page - Advanced Micro Devices SDA3100AIP3AX Datasheet HTML 16Page - Advanced Micro Devices SDA3100AIP3AX Datasheet HTML 17Page - Advanced Micro Devices SDA3100AIP3AX Datasheet HTML 18Page - Advanced Micro Devices SDA3100AIP3AX Datasheet HTML 19Page - Advanced Micro Devices SDA3100AIP3AX Datasheet HTML 20Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
AMD Athlon™ 64 Processor Power and Thermal Data Sheet
30430 Rev. 3.43
October 2004
16
AMD Athlon™ 64 FX Desktop Processor
Chapter 2
Table 9 AMD Athlon™ 64 FX Processor Temperature Options
I
63
°C
P
70
°C
Table 10 AMD Athlon™ 64 FX Processor Operating Voltage Options
E
1.50V
Table 11 AMD Athlon™ 64 FX Processor Package Options
C
940 Pin Lidded CµPGA
D
939 Pin Lidded OµPGA
Table 12 AMD Athlon™ 64 FX Processor Model Number Options
FX-51:2200 MHz
FX-53:2400 MHz
FX-55:2600 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com