Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDA3100AIP3AX Datasheet(PDF) 11 Page - Advanced Micro Devices

Part # SDA3100AIP3AX
Description  AMD Athlon 64 Processor Power and Thermal Data Sheet
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SDA3100AIP3AX Datasheet(HTML) 11 Page - Advanced Micro Devices

Back Button SDA3100AIP3AX Datasheet HTML 7Page - Advanced Micro Devices SDA3100AIP3AX Datasheet HTML 8Page - Advanced Micro Devices SDA3100AIP3AX Datasheet HTML 9Page - Advanced Micro Devices SDA3100AIP3AX Datasheet HTML 10Page - Advanced Micro Devices SDA3100AIP3AX Datasheet HTML 11Page - Advanced Micro Devices SDA3100AIP3AX Datasheet HTML 12Page - Advanced Micro Devices SDA3100AIP3AX Datasheet HTML 13Page - Advanced Micro Devices SDA3100AIP3AX Datasheet HTML 14Page - Advanced Micro Devices SDA3100AIP3AX Datasheet HTML 15Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
30430 Rev. 3.43
October 2004
AMD Athlon™ 64 Processor Power and Thermal Data Sheet
Chapter 1
AMD Athlon™ 64 Desktop Processor
11
Parameter/OPN
ADA2800AEP4AX
ADA3000AEP4AX
ADA3200AEP4AX
Model Number
2800+
3000+
3200+
CPUID 8000_0001h EAX [31:0]
7
00000FC0h
00000FC0h
00000FC0h
FID/VID Status MaxVID Field
8
00h
00h
00h
FID/VID Status MaxFID Field
8
0Ah
0Ch
0Eh
FID/VID Status StartVID Field
8
02h
02h
02h
FID/VID Status StartFID Field
8
0Ah
0Ch
0Eh
L2 Cache Size
512 KB
512 KB
512 KB
TCASE Max
11
70°C
70°C
70°C
TCONTROL Max
12
70°C
70°C
70°C
Max P-State
1800 MHz
2000 MHz
2200 MHz
VID_VDD
1.50 V
1.50 V
1.50 V
IDD Max
57.8
57.8 A
57.8 A
Thermal Design Power
1
89 W
89 W
89 W
Thermal Resistance (case-to-ambient)
9
0.31
°C/W
0.31
°C/W
0.31
°C/W
Intermediate P-State #1
N/A
1800 MHz
2000 MHz
VID_VDD
N/A
1.40 V
1.40 V
IDD Max
N/A
46 A
48 A
Thermal Design Power
1
N/A
67 W
69 W
Intermediate P-State #2
N/A
N/A
1800 MHz
VID_VDD
N/A
N/A
1.30 V
IDD Max
N/A
N/A
37 A
Thermal Design Power
1
N/A
N/A
50 W
Min P-State
1000 MHz
1000 MHz
1000 MHz
VID_VDD
1.10V
1.10 V
1.10 V
IDD Max
18.0A
18.0 A
18.0 A
Thermal Design Power
1
22W
22 W
22 W
Halt/Stop Grant at Max P-State
2
IDDC1 Max
30.0 A
30.0 A
30.0 A
I/O Power
5
2.2 W
2.2 W
2.2 W
Halt/Stop Grant at Min P-State
3
IDDC1 Max
7.0 A
7.0 A
7.0 A
I/O Power
5
2.2 W
2.2 W
2.2 W
S3
4
I/O Power
4,6
160 mW
160 mW
160 mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com