Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDA3100AIP3AX Datasheet(PDF) 24 Page - Advanced Micro Devices

Part # SDA3100AIP3AX
Description  AMD Athlon 64 Processor Power and Thermal Data Sheet
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SDA3100AIP3AX Datasheet(HTML) 24 Page - Advanced Micro Devices

Back Button SDA3100AIP3AX Datasheet HTML 16Page - Advanced Micro Devices SDA3100AIP3AX Datasheet HTML 17Page - Advanced Micro Devices SDA3100AIP3AX Datasheet HTML 18Page - Advanced Micro Devices SDA3100AIP3AX Datasheet HTML 19Page - Advanced Micro Devices SDA3100AIP3AX Datasheet HTML 20Page - Advanced Micro Devices SDA3100AIP3AX Datasheet HTML 21Page - Advanced Micro Devices SDA3100AIP3AX Datasheet HTML 22Page - Advanced Micro Devices SDA3100AIP3AX Datasheet HTML 23Page - Advanced Micro Devices SDA3100AIP3AX Datasheet HTML 24Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
AMD Athlon™ 64 Processor Power and Thermal Data Sheet
30430 Rev. 3.43
October 2004
24
AMD Sempron™ Desktop Processor
Chapter 3
7.
CPUID extended function 8000_0001h fields are used by BIOS in uniquely associating a given processor to the
P-states that are valid for that processor. Refer to the BIOS and Kernel Developer’s Guide for AMD Athlon™ 64
and AMD Opteron™ Processors, order# 26094
8.
FIDVID Status Register, MSR C001_0042h.
9.
Ambient temperature into heat sink (internal ambient) assumed to be 42
°C.
10. TCASE max is the maximum case temperature specification which is a physical value in degrees Celsius. This
value is programmed into Rev D and later processors. Refer to the appropriate functional data sheet, and the
THERMTRIP Status Register in the BIOS and Kernel Developer’s Guide for AMD Athlon™ 64 and
AMD Opteron™ Processors, order# 26094.
11. TCONTROL max (maximum control temperature) is a non physical temperature on an arbitrary scale that can be
used for system thermal management policies. TCONTROL max represents the value at which the processor has
reached TCASE max when measuring the thermal diode with a dual sourcing current temperature sensor. Refer to
the appropriate functional data sheet, and the THERMTRIP Status Register in the BIOS and Kernel Developer’s
Guide for AMD Athlon™ 64 and AMD Opteron™ Processors, order# 26094. Temperature is in degrees Celsius
on the TCONTROL scale.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com