Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDA3100AIP3AX Datasheet(PDF) 23 Page - Advanced Micro Devices

Part # SDA3100AIP3AX
Description  AMD Athlon 64 Processor Power and Thermal Data Sheet
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SDA3100AIP3AX Datasheet(HTML) 23 Page - Advanced Micro Devices

Back Button SDA3100AIP3AX Datasheet HTML 16Page - Advanced Micro Devices SDA3100AIP3AX Datasheet HTML 17Page - Advanced Micro Devices SDA3100AIP3AX Datasheet HTML 18Page - Advanced Micro Devices SDA3100AIP3AX Datasheet HTML 19Page - Advanced Micro Devices SDA3100AIP3AX Datasheet HTML 20Page - Advanced Micro Devices SDA3100AIP3AX Datasheet HTML 21Page - Advanced Micro Devices SDA3100AIP3AX Datasheet HTML 22Page - Advanced Micro Devices SDA3100AIP3AX Datasheet HTML 23Page - Advanced Micro Devices SDA3100AIP3AX Datasheet HTML 24Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
30430 Rev. 3.43
October 2004
AMD Athlon™ 64 Processor Power and Thermal Data Sheet
Chapter 3
AMD Sempron™ Desktop Processor
23
Table 20 AMD Sempron™ Processor Thermal/Power Specifications
Parameter/OPN
SDA3100AIP3AX
Model Number
3100+
CPUID 8000_0001h EAX [31:0]
7
00000FC0h
FID/VID Status MaxVID Field
8
04h
FID/VID Status MaxFID Field
8
0Ah
FID/VID Status StartVID Field
8
06h
FID/VID Status StartFID Field
8
0Ah
L2 Cache Size
256 KB
TCASE Max
10
70°C
TCONTROL Max
11
70°C
Max P-State
1800 MHz
VID_VDD
1.40 V
IDD Max
42.7 A
Thermal Design Power
1
62 W
Thermal Resistance (case-to-ambient)
9
0.45
°C/W
Intermediate P-State #1
N/A
VID_VDD
N/A
IDD Max
N/A
Thermal Design Power
1
N/A
Intermediate P-State #2
N/A
VID_VDD
N/A
IDD Max
N/A
Thermal Design Power
1
N/A
Intermediate P-State #3
N/A
VID_VDD
N/A
IDD Max
N/A
Thermal Design Power
1
N/A
Min P-State
1000 MHz
VID_VDD
1.1 V
IDD Max
16.2 A
Thermal Design Power
1
20 W
Halt/Stop Grant at Max P-State
2
IDDC1 Max
30.0 A
I/O Power
5
2.2 W
Halt/Stop Grant at Min P-State
3
IDDC1 Max
7.0 A
I/O Power
5
2.2 W
S3
4
I/O Power
4,6
160 mW
Notes:
1.
Thermal Design Power (TDP) is measured under the conditions of TCASE Max, IDD Max, and VDD=VID_VDD,
and include all power dissipated on-die from VDD, VDDIO, VLDT, VTT, and VDDA.
2.
Assumes tCASE max, VDD, clock divider set to 32.
3.
Assumes 50
°C, VDD nom, clock divider set to 32.
4.
Assumes 35
°C, VDD, VDDA, and VLDT supplies are off, VDDIO and VTT are powered, memory in self-refresh
mode and DDR SDRAM interface tri-stated except CKE pins.
5.
Thermal Design Power for VDDIO, VTT, VLDT, and VDDA power planes only.
6.
Thermal Design Power for VDDIO and VTT power planes only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com