Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDA3100AIP3AX Datasheet(PDF) 6 Page - Advanced Micro Devices

Part # SDA3100AIP3AX
Description  AMD Athlon 64 Processor Power and Thermal Data Sheet
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SDA3100AIP3AX Datasheet(HTML) 6 Page - Advanced Micro Devices

Back Button SDA3100AIP3AX Datasheet HTML 2Page - Advanced Micro Devices SDA3100AIP3AX Datasheet HTML 3Page - Advanced Micro Devices SDA3100AIP3AX Datasheet HTML 4Page - Advanced Micro Devices SDA3100AIP3AX Datasheet HTML 5Page - Advanced Micro Devices SDA3100AIP3AX Datasheet HTML 6Page - Advanced Micro Devices SDA3100AIP3AX Datasheet HTML 7Page - Advanced Micro Devices SDA3100AIP3AX Datasheet HTML 8Page - Advanced Micro Devices SDA3100AIP3AX Datasheet HTML 9Page - Advanced Micro Devices SDA3100AIP3AX Datasheet HTML 10Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
AMD Athlon™ 64 Processor Power and Thermal Data Sheet
30430 Rev. 3.43
October 2004
6
AMD Athlon™ 64 Desktop Processor
Chapter 1
Chapter 1
AMD Athlon™ 64 Desktop
Processor
The specifications for the AMD Athlon™ 64 processor are listed in Table 7 on page 8. Each
column represents a specific ordering part number (OPN). Figure 1 provides an example of the
OPN structure for this processor family.
Refer to the AMD Athlon™ 64 Product Data Sheet, order# 24659 for all other electrical
specifications for the processor, and refer to the BIOS and Kernel Developer’s Guide for
AMD Athlon™ 64 and AMD Opteron™ Processors, order# 26094 for power management BIOS
requirements.
ADA 3200 A E P 5 AP
Part Definition: AP= Rev C0 (see Table 1)
L2 Cache Size: 5= 1 Megabyte (see Table 2)
Case Temperature: P= 70
°C (see Table 3)
Operating Voltage: E= 1.50V (see Table 4)
Package: A= 754 Pin Lidded OµPGA (see Table 5)
Model Number: 3200+: 2000 MHz (see Table 6)
Brand: AMD Athlon™ 64 Desktop
Figure 1 AMD Athlon™ 64 Processor Ordering Part Number Example
Table 1 AMD Athlon™ 64 Processor Part Definition Options
AP
Rev C0
AR
Rev CG
AS
Rev CG
AX
Rev CG
AW
Rev CG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com